Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT1232LPV Datasheet(PDF) 7 Page - Catalyst Semiconductor

Part # CAT1232LPV
Description  5V and 3.3V Supply Voltage Monitor and Reset Circuit
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT1232LPV Datasheet(HTML) 7 Page - Catalyst Semiconductor

  CAT1232LPV Datasheet HTML 1Page - Catalyst Semiconductor CAT1232LPV Datasheet HTML 2Page - Catalyst Semiconductor CAT1232LPV Datasheet HTML 3Page - Catalyst Semiconductor CAT1232LPV Datasheet HTML 4Page - Catalyst Semiconductor CAT1232LPV Datasheet HTML 5Page - Catalyst Semiconductor CAT1232LPV Datasheet HTML 6Page - Catalyst Semiconductor CAT1232LPV Datasheet HTML 7Page - Catalyst Semiconductor CAT1232LPV Datasheet HTML 8Page - Catalyst Semiconductor CAT1232LPV Datasheet HTML 9Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
CAT1232LP/CAT1832
Doc. No. 25089, Rev. A
© 2005 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
PACKAGE MECHANICAL
16-LEAD WIDE BODY SOIC (300mil)
Notes:
1.
Complies with JEDEC publication 95 MS-013 dimensions; however, some dimensions may be more stringent.
2.
All linear dimensions are in inches and parenthetically in millimeters.
0.2914 (7.40)
0.2992 (7.60)
0.394 (10.00)
0.419 (10.65)
0.0926 (2.35)
0.1043 (2.65)
0.0040 (0.10)
0.0118 (0.30)
0.050 (1.27)
BSC
0.013 (0.33)
0.020 (0.51)
0 –8
0.0091 (0.23)
0.0125 (0.32)
0.010 (0.25)
0.029 (0.75)
X 45
0.016 (0.40)
0.050 (1.27)
0.3977 (10.10)
0.4133 (10.50)
8-LEAD DIP (300mil)
0.180 (4.57) MAX
0.015 (0.38)
—
0.100 (2.54)
BSC
0.014 (0.36)
0.022 (0.56)
0.245 (6.17)
0.295 (7.49)
0.045 (1.14)
0.060 (1.52)
0.110 (2.79)
0.150 (3.81)
0.120 (3.05)
0.150 (3.81)
0.300 (7.62)
0.325 (8.26)
0.310 (7.87)
0.380 (9.65)
0.355 (9.02)
0.400 (10.16)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com