Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT1232LPV Datasheet(PDF) 8 Page - Catalyst Semiconductor

Part # CAT1232LPV
Description  5V and 3.3V Supply Voltage Monitor and Reset Circuit
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT1232LPV Datasheet(HTML) 8 Page - Catalyst Semiconductor

  CAT1232LPV Datasheet HTML 1Page - Catalyst Semiconductor CAT1232LPV Datasheet HTML 2Page - Catalyst Semiconductor CAT1232LPV Datasheet HTML 3Page - Catalyst Semiconductor CAT1232LPV Datasheet HTML 4Page - Catalyst Semiconductor CAT1232LPV Datasheet HTML 5Page - Catalyst Semiconductor CAT1232LPV Datasheet HTML 6Page - Catalyst Semiconductor CAT1232LPV Datasheet HTML 7Page - Catalyst Semiconductor CAT1232LPV Datasheet HTML 8Page - Catalyst Semiconductor CAT1232LPV Datasheet HTML 9Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
CAT1232LP/CAT1832
Doc. No. 25089, Rev. A
© 2005 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
PACKAGE MECHANICAL
8-LEAD MSOP
0.0150
0.0110
0.38
0.28
0.1970
0.1890
5.00
4.80
S
0.0256 [0.65] BSC
0.1220
0.1142
3.10
2.90
0.0433
[1.10] MAX.
0.039 [0.10] MAX.
S
0.0059
0.0020
0.15
0.05
S
0.0374
0.0295
0.95
0.75
0.0276
0.0157
0.70
0.40
0.1220
0.1142
3.10
2.90
0˚ - 6˚
8-LEAD Narrow Body SOIC (150mil)
0.1497 (3.90)
0.1574 (4.00)
0.2294 (5.90)
0.2440 (6.20)
0.0926 (2.35)
0.1043 (2.65)
0.0040 (0.10)
0.0099 (0.25)
0.050 (1.27) BSC
0.013 (0.33)
0.020 (0.51)
0 –8
0.0075 (0.19)
0.0099 (0.25)
0.0099 (0.25)
0.0196 (0.75)
X 45
0.016 (0.40)
0.050 (1.27)
0.1990 (4.90)
0.1969 (5.00)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com