Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DPO4COMP Datasheet(PDF) 21 Page - TEKTRONIX, INC.

Part # DPO4COMP
Description  Mixed Domain Oscilloscopes
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

DPO4COMP Datasheet(HTML) 21 Page - TEKTRONIX, INC.

Back Button DPO4COMP Datasheet HTML 17Page - TEKTRONIX, INC. DPO4COMP Datasheet HTML 18Page - TEKTRONIX, INC. DPO4COMP Datasheet HTML 19Page - TEKTRONIX, INC. DPO4COMP Datasheet HTML 20Page - TEKTRONIX, INC. DPO4COMP Datasheet HTML 21Page - TEKTRONIX, INC. DPO4COMP Datasheet HTML 22Page - TEKTRONIX, INC. DPO4COMP Datasheet HTML 23Page - TEKTRONIX, INC. DPO4COMP Datasheet HTML 24Page - TEKTRONIX, INC. DPO4COMP Datasheet HTML 25Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
DC gain accuracy
±1.5% (±2.0% at 1mV/div), derated at 0.10%/°C above 30 °C
±3.0% for variable gain, derated 0.10%/°C above 30 °C
Offset accuracy
±(0.005 * |offset - position| + DC Balance)
DC balance
0.1 div with DC - 50Ω scope input impedance (50Ω BNC terminated)
Channel-to-channel isolation
(typical)
Any two channels at equal vertical scale ≥100:1 at ≤100 MHz and ≥30:1 at >100 MHz up to the rated bandwidth
Random noise (typical)
Vertical scale setting
50 Ω, RMS
MDO4104C (all
configurations)
MDO40x4C (with option SA3
or SA6)
MDO40x4C (without option
SA3 or SA6)
1 mV/div
0.093 mV
0.084 mV
0.163 mV
100 mV/div
3.31 mV
2.37 mV
2.01 mV
1 V/div
24.27 mV
20.62 mV
20.51 mV
Offset range
Volts/div setting
Offset range
1 M Ω input
50 Ω input
1 mV/div to 50 mV/div
±1 V
±1 V
50.5 mV/div to 99.5 mV/div
±0.5 V
±0.5 V
100 mV/div to 500 mV/div
±10 V
±10 V
505 mV/div to 995 mV/div
±5 V
±5 V
1 V/div to 10 V/div
±100 V
±5 V
5.05 V/div to 10 V/div
±50 V
NA
Horizontal system analog channels
Time base range
1 GHz models (without option
SA3 or SA6) and 1 GHz
models (with option SA3 or
SA6 with 2 channels enabled)
400 ps to 1000 s
≤ 500 MHz models and 1 GHz
models (with option SA3 or
SA6 and 4 channels enabled)
1 ns to 1000 s
Maximum duration at highest
sample rate (all/half channels)
1 GHz models (without option
SA3 or SA6) and 1 GHz
models (with option SA3 or
SA6 with 2 channels enabled)
8/4 ms
≤ 500 MHz models and 1 GHz
models (with option SA3 or
SA6 and 4 channels enabled)
8/8 ms
Time-base delay time range
-10 divisions to 5000 s
MDO4000C Series Oscilloscope
Vertical system analog channels
www.tek.com 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com