Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DPO4COMP Datasheet(PDF) 29 Page - TEKTRONIX, INC.

Part # DPO4COMP
Description  Mixed Domain Oscilloscopes
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

DPO4COMP Datasheet(HTML) 29 Page - TEKTRONIX, INC.

Back Button DPO4COMP Datasheet HTML 25Page - TEKTRONIX, INC. DPO4COMP Datasheet HTML 26Page - TEKTRONIX, INC. DPO4COMP Datasheet HTML 27Page - TEKTRONIX, INC. DPO4COMP Datasheet HTML 28Page - TEKTRONIX, INC. DPO4COMP Datasheet HTML 29Page - TEKTRONIX, INC. DPO4COMP Datasheet HTML 30Page - TEKTRONIX, INC. DPO4COMP Datasheet HTML 31Page - TEKTRONIX, INC. DPO4COMP Datasheet HTML 32Page - TEKTRONIX, INC. DPO4COMP Datasheet HTML 33Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 46 page
background image
RF Power level trigger
Frequency range
Models with option SA3: 1 MHz to 3 GHz
Models with option SA6: 1 MHz to 3.75 GHz; 2.75 GHz to 4.5 GHz, 3.5 GHz to 6.0 GHz
Amplitude operating level
0 dB to -30 dB from Reference Level
Amplitude range
+10 dB to -40 dB from Reference Level and within the range of -65 dBm to +30 dBm
Minumum pulse generation
10 µs On Time with a minimum settling Off Time of 10 µs
Spectrum analyzer to analog
channel skew
<5 ns
RF acquisition length
Span
Maximum RF acquisition time
>2 GHz
5 ms
>1 GHz - 2 GHz
10 ms
>800 MHz - 1 GHz
20 ms
>500 MHz - 800 MHz
25 ms
>400 MHz - 500 MHz
40 ms
>250 MHz - 400 MHz
50 ms
>200 MHz - 250 MHz
80 ms
>160 MHz - 200 MHz
100 ms
>125 MHz - 160 MHz
125 ms
<125 MHz
158 ms
FFT window types, factors, and
RBW accuracy
FFT window
Factor
RBW accuracy
Kaiser
2.23
0.90%
Rectangular
0.89
2.25%
Hamming
1.30
1.54%
Hanning
1.44
1.39%
Blackman-Harris
1.90
1.05%
Flat-Top
3.77
0.53%
3- Arbitrary Function Generator (requires Option MDO4AFG)
Waveforms
Sine, Square, Pulse, Ramp/Triangle, DC, Noise, Sin(x)/x (Sinc), Gaussian, Lorentz, Exponential Rise, Exponential Decay,
Haversine, Cardiac, and Arbitrary.
Sine
Frequency range
0.1 Hz to 50 MHz
Amplitude range
20 mVp-p to 5 Vp-p into Hi-Z; 10 mVp-p to 2.5 Vp-p into 50 Ω
Amplitude flatness (typical)
±0.5 dB at 1 kHz (±1.5 dB for <20 mVp-p amplitudes)
Total harmonic distortion
(typical)
1% into 50 Ω
2% for amplitude < 50 mV and frequencies > 10 MHz
3% for amplitude < 20 mV and frequencies > 10 MHz
Spurious free dynamic range
(SFDR) (typical)
-40 dBc (Vp-p ≥ 0.1 V); -30dBc (Vp-p ≤ 0.1 V), 50 Ω load
Square / Pulse
Frequency range
0.1 Hz to 25 MHz
Amplitude range
20 mVp-p to 5 Vp-p into Hi-Z; 10 mVp-p to 2.5 Vp-p into 50 Ω
MDO4000C Series Oscilloscope
2- Spectrum Analyzer (requires Option SA3 or SA6)
www.tek.com 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com