| Electronic Components Datasheet Search |
|
CS61880 Datasheet(PDF) 17 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS61880 Datasheet(HTML) 17 Page - Cirrus Logic |
|
17 / 70 page ![]() CS61880 DS450PP3 17 RCLK0 39 P1 O Receive Clock Output Port 0 - When MCLK is active, this pin outputs the recovered clock from the signal input on RTIP and RRING. In the event of LOS, the RCLK output transitions from the recovered clock to MCLK. - If MCLK is held “High”, the clock recovery circuitry is dis- abled and the RCLK output is driven by the XOR of RNEG and RPOS. - If MCLK is held “Low”, this output is in a high-impedance state. RPOS0/RDATA0 RNEG0/BPV0 40 41 P2 P3 O O Receive Positive Pulse/ Receive Data Output Port 0 Receive Negative Pulse/Bipolar Violation Output Port 0 The function of the RPOS/RDATA and RNEG/BPV outputs are determined by whether Unipolar, Bipolar, or RZ input mode has been selected. During LOS, the RPOS/RNEG outputs will remain active. NOTE: The RPOS/RNEG outputs can be High-Z by holding MCLK Low. Bipolar Output Mode - When configured for Bipolar opera- tion, NRZ Data is recovered from RTIP/RRING and output on RPOS/RNEG. A high signal on RPOS or RNEG corre- spond to the receipt of a positive or negative pulse on RTIP/RRING respectively. The RPOS/RNEG outputs are valid on the falling or rising edge of RCLK as configured by CLKE. Unipolar Output Mode - When unipolar mode is activated, the recovered data is output on RDATA. The decoder sig- nals bipolar violations are output on the RNEG/BPV pin. RZ Output Mode - In this mode, the RPOS/RNEG pins output RZ data recovered by slicing the signal present on RTIP/RRING. A positive pulse on RTIP with respect to RRING generates a logic 1 on RPOS; a positive pulse on RRING with respect to RTIP generates a logic 1 on RNEG. The polarity of the output on RPOS/RNEG is selectable us- ing the CLKE pin. In this mode, external circuitry is used to recover clock from the received signal. TCLK1 29 L1 I Transmit Clock Input Port 1 TPOS1/TDATA1 30 L2 I Transmit Positive Pulse/Transmit Data Input Port 1 TNEG1/UBS1 31 L3 I Transmit Negative Pulse/Unipolar-Bipolar Select Port 1 RCLK1 32 M1 O Receive Clock Output Port 1 RPOS1/RDATA1 33 M2 O Receive Positive Pulse/ Receive Data Output Port 1 RNEG1/BPV1 34 M3 O Receive Negative Pulse/Bipolar Violation Output Port 1 TCLK2 81 L14 I Transmit Clock Input Port 2 TPOS2/TDATA2 80 L13 I Transmit Positive Pulse/Transmit Data Input Port 2 TNEG2/UBS2 79 L12 I Transmit Negative Pulse/Unipolar-Bipolar Select Port 2 SYMBOL LQFP FBGA TYPE DESCRIPTION |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |