Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP06AZ Datasheet(PDF) 3 Page - Toppower Electronic Technology Limited

Part # TP06AZ
Description  6W 3KV Isolation Wide Input AC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP06AZ Datasheet(HTML) 3 Page - Toppower Electronic Technology Limited

  TP06AZ Datasheet HTML 1Page - Toppower Electronic Technology Limited TP06AZ Datasheet HTML 2Page - Toppower Electronic Technology Limited TP06AZ Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TP06AZ Series
www.gztoppower.com
TEL:0086-20-82019000
Email:sales2@gztoppower.com
page 3 of 3
MECHANICAL DIMENSIONS
Pin
Function
1
-Vin
2
+Vin
3
+Vo
4
-Vo
SELECTION GUIDE
* Pin not fitted on single output variants
Units:mm
Tolerance:±0.5mm
TP
06
A
Z 400 S
05
W
W:4:1 Wide voltage input range
Main (auxiliary) output voltage
S:single output
Rated input voltage
Package type
AC-DC
Rated output power
Brand name



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com