Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP06AZ Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TP06AZ
Description  6W 3KV Isolation Wide Input AC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP06AZ Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TP06AZ Datasheet HTML 1Page - Toppower Electronic Technology Limited TP06AZ Datasheet HTML 2Page - Toppower Electronic Technology Limited TP06AZ Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TP06AZ Series
www.gztoppower.com
TEL:0086-20-82019000
Email:sales2@gztoppower.com
page 1 of 3
DESCRIPTION:
The rated output power of TP06AZ series is 6W with wide input voltage range, for both AC input and DC
input application. High reliability, precision, large power density, ultra-small size, no external heat sink
required, stable output voltage and etc, with over current protection, , 3000V isolation voltage, short circuit,
overload, internal thermal protection, Widely used in telecommunications, industrial control, instrument,
data acquisition, signal control and other electronic systems.
6W 3KV Isolation Wide Input AC/DC Converters
*All specifications typical at TA=25°C humidity<75% , nominal input voltage 230VAC and rated output load unless otherwise specified.
OUTPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage accuracy
Io=0.1…1.0 x Ionom Vi=Vi rated
±2
%
Line regulation
Vimin≤Vi≤Vimax
±1
%
Load regulation
Io=0.1…1.0 x Ionom Vimin≤ Vi≤Vimax
±1
%
Start-up time
Full load
100ms /230VAC ,200ms/115VAC
Output hold time
Full load
40ms/230VAC, 15ms/115VAC
FEATURES
Wide input voltage
Both for AC and DC input voltage
Operating temperature : -40℃ to 85℃
Short circuit protection
Over Voltage protection
Over current protection
RoHS compliant
SELECTION GUIDE
Part Number
Input Voltage
Output
Efficiency (Typ. )
%
Ripple&Noise
(VAC)
(VDC)
Voltage
(
VDC)
Current
(
A)
(mV)
TP06AZ400S05W
85-500
100-700
5
1.2
76
100
TP06AZ400S09W
85-500
100-700
9
0.66
80
100
TP06AZ400S12W
85-500
100-700
12
0.5
81
100
TP06AZ400S15W
85-500
100-700
15
0.4
82
100
TP06AZ400S024W
85-500
100-700
24
0.25
83
100
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Input voltage range
VDC In module
100
700
VDC
Input voltage range
VAC In module
85
500
VAC
Input Current
230VAC
23
mA
Inrush current
NTC limited
30
A
Input frequency
47 ~ 440Hz
Leakage current
<0.1mA at 265VAC/50HZ
External fuse recommended value
15Ω/2W
ENVIRONMENT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating temperature
≥
40℃,@0.1W/℃ derating
-40
+85
℃
Storage temperature
Industry-class
-40
+85
℃
Storage humidity
10
95
RH(%)
Temperature coefficient
(0~50℃)
±0.03
%/℃


Similar Part No. - TP06AZ

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP06AC TOPPOWER-TP06AC Datasheet
246Kb / 3P
6W 4KV Isolation Wide Input AC/DC Converters
TP06AC220S05W TOPPOWER-TP06AC220S05W Datasheet
246Kb / 3P
6W 4KV Isolation Wide Input AC/DC Converters
TP06AC220S09W TOPPOWER-TP06AC220S09W Datasheet
246Kb / 3P
6W 4KV Isolation Wide Input AC/DC Converters
TP06AC220S12W TOPPOWER-TP06AC220S12W Datasheet
246Kb / 3P
6W 4KV Isolation Wide Input AC/DC Converters
TP06AC220S15W TOPPOWER-TP06AC220S15W Datasheet
246Kb / 3P
6W 4KV Isolation Wide Input AC/DC Converters
More results

Similar Description - TP06AZ

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MHI600ARWI8 MPD-MHI600ARWI8 Datasheet
545Kb / 2P
Wide Input, 6W DIP Ultra-High Isolation DC/DC Converters
logo
Toppower Electronic Tec...
TP05AC TOPPOWER-TP05AC Datasheet
245Kb / 3P
5W 4KV Isolation Wide Input AC/DC Converters
TP06DA TOPPOWER-TP06DA Datasheet
201Kb / 4P
6W Wide Input Voltage DC/DC Converters
TP06DB TOPPOWER-TP06DB Datasheet
186Kb / 4P
6W Wide Voltage Input DC/DC Converters
TP10AC TOPPOWER-TP10AC Datasheet
245Kb / 3P
10W 4KV Isolation Wide Input AC/DC Converters
TP06AC TOPPOWER-TP06AC Datasheet
246Kb / 3P
6W 4KV Isolation Wide Input AC/DC Converters
TP03AA TOPPOWER-TP03AA_18 Datasheet
705Kb / 4P
3W 3KV Isolation Wide Input AC/DC Converters
TP10AC TOPPOWER-TP10AC_V01 Datasheet
811Kb / 3P
10W 4KVAC Isolation Wide Input AC/DC Converters
TP05AS TOPPOWER-TP05AS_V01 Datasheet
848Kb / 4P
5W 3KVAC Isolation Wide Input AC/DC Converters
TP03AC TOPPOWER-TP03AC_V02 Datasheet
426Kb / 3P
3W 3KVAC Isolation Wide Input AC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com