Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS2200MIZ Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # GS2200MIZ
Description  802.11b/g/n Mini-Module Ultra-Low Power, Ultra-Compact
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GS2200MIZ Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  GS2200MIZ Datasheet HTML 1Page - List of Unclassifed Manufacturers GS2200MIZ Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PR O D UC T B R I EF
GS2200MIZ MODULE SPECIFICATIONS
Radio Protocol
IEEE 802.11b/g/n
Pin Count
66 pins (30 GND)
RF Output Power (Typical)
+15 dBm (802.11b 1Mbps), +14dBm (802.11g 6Mbps), +14dBm (802.11n MCS0)
Rx Sensitivity (Typical)
-91 dBm (802.11b 1Mbps), -88 dBm (802.11g 6Mbps), -88 dBm (802.11n MCS0)
RF Operating Frequency
2.4 - 2.495 GHz
Supported Data Rates
72, 65, 58, 43, 29, 22, 14, 7 Mbps (802.11n), 54, 48, 36, 24, 18, 12, 9, 6 Mbps (802.11g)
11, 5.5, 2, 1 Mbps (802.11b)
Antenna Option
Internal ceramic chip antenna
Operating Temperature
-20
° to +70°C
Security Protocols
WPA/WPA2 - Personal, WPA/WPA2 - Enterprise (PEAP, EAP-FAST, EAP-TLS, EAP-
TTLS), WEP, TLS/SSL Client and Server, HTTPs
Networking Protocols
TCP, UDP, IPv4, IPv6, TLS Client and Server, SNTP client, DHCP Client and Server v4,
DHCP Client and Server v6, DNS Client and Server, mDNS, DNS-SD, HTTP Client and
Server, and XML Parser
Certifications and
Compliance
FCC, IC, TELEC, CE/ETSI, RoHS, Wi-Fi CERTIFIED
I/O Interfaces
SPI, UART, SDIO, I
2C, I2S,GPIO (19), 16 & 12 bit ADC, JTAG, PWM (3), RTC
Host Connections
SPI, UART, SDIO
Internal Flash
4 MB
Outline Dimensions
13.5 mm x 17.85 mm x 2.1 mm
I/O Voltage
3.3V or 1.8V
Operating Voltage
2.7-3.6V
VBAT
1.6-3.6V
TARGET APPLICATIONS
The GainSpan GS2200MIZ module is easily designed into embedded systems, allowing customers to develop a broad array of
devices and appliances that connect to other local devices or t o the Internet over Wi-Fi. Applications include smart
energy, healthcare and fitness, industrial controls, commercial building automation, and audio/video consumer electronics.
GS2200MIZ Block Diagram
Copyright © 2015 GainSpan Corporation.
All Rights Reserved. www.gainspan.com
GS2200MIZ-PB-00117 Release 1.0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com