Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS2200MIZ Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # GS2200MIZ
Description  802.11b/g/n Mini-Module Ultra-Low Power, Ultra-Compact
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GS2200MIZ Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  GS2200MIZ Datasheet HTML 1Page - List of Unclassifed Manufacturers GS2200MIZ Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PR O D UC T B R I EF
GS2200MIZ
802.11b/g/n Mini-Module
Ultra-Low Power, Ultra-Compact
The GS2200MIZ is a fully integrated Wi-Fi module with an extremely
small footprint that provides an easy, cost-effective way
for
manufacturers to add Wi-Fi connectivity to their products. Intended
for a variety of size-constrained applications, the ~250 sq. mm
module has an integrated chip antenna, 4MB FLASH, industry-
leading SRAM resources, a high bit-rate 16-bit sigma-delta ADC, 12-
bit ADC, and 19 GPIO supporting most interfaces.
This module provides a low-cost, high-speed serial to
Wi-Fi
connection
to
an
embedded
design
built
on
an
8/16/32-bit
microcontroller, through an SDIO, SPI or UART interface.
The GS2200MIZ is an ideal solution for organizations with limited Wi-
Fi or RF expertise or for those seeking faster time to market, as it
reduces RF design time and removes the burden of testing and
certification. The module is IEEE 802.11b/g/n compliant, and meets
major global regulatory and Wi-Fi Alliance certification requirements.
The module runs the full Wi-Fi and TCP/IP networking stacks,
completely offloading the host microcontroller. It supports a complete
suite
of
security
protocols,
also
without
tasking
the
host
microcontroller,
including
WPA/WPA2-Enteprise
and
Personal
security modes, and upper layer security protocols such as TLS/SSL
and HTTPs. Alternatively, it can be run self-contained without a host.
Easy to provision, the module can be set up from a smartphone or
laptop through the innovative Limited AP mode or with
Wi-Fi
Protected Setup (WPS).
The module is single-sided with solder pads on the bottom for the I/O
and PWR/GND connections for soldering down on the product’s
baseboard. It is intended for both line-powered and battery-powered
applications.
GS2200MIZ System Block Diagram
SKU
Antenna
GS2200MIZ
Ceramic Chip Antenna
.
(Optional)
BENEFITS:
• Extremely compact for size-constrained
applications
• Adds low power, high speed Wi-Fi and Internet
connectivity to any device with a microcontroller
and serial host interface or as the standalone
application microcontroller
• Certified module reduces development time, testing
and certification, accelerating time to market
• Easy smartphone provisioning with Limited AP or
Wi-Fi Protected Set-up (WPS)
• Ultra-low power through dynamic power
management modes and optional off module DC to
DC components
FEATURES:
• 16-bit Sigma-Delta ADC
• 12-bit ADC
• IEEE 802.11 b/g/n with PHY rates up to 72 Mbps
• Limited AP, Station, Wi-Fi Direct, Concurrent mode
• UART, SPI, SDIO interface to microcontroller
• 19 configurable I/O
• Interface clock rate: 40 MHz on SDIO, 30 MHz on
SPI (master), 10 MHz on SPI (slave), and 921k baud
on UART
• Extensive networking stack and services
• Security: 802.11i, WPA/2–Personal and Enterprise,
TLS 1.2, 4K digital certificates
MODULE HIGHLIGHTS:
• Power Source
o
3.3V main supply
o
3.3V or 1.8V I/O
o
1.6V to 3.6V Battery
• Certification: FCC, IC, ETSI, MIC, Wi-Fi
• I/O interfaces : SPI, UART, SDIO, I2C, I2S, GPIO,
ADC, JTAG, PWM
• Extended Commercial Grade


Similar Part No. - GS2200MIZ

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
GS220 MEANWELL-GS220 Datasheet
164Kb / 2P
220WAC-DC Single Output Desktop
GS220A12-R7B MEANWELL-GS220A12-R7B Datasheet
180Kb / 2P
220WAC-DC Single Output Desktop
GS220A12-R7B MEANWELL-GS220A12-R7B Datasheet
164Kb / 2P
220WAC-DC Single Output Desktop
GS220A12-R7B MEANWELL-GS220A12-R7B Datasheet
189Kb / 2P
220WAC-DC Single Output Desktop
GS220A15-R7B MEANWELL-GS220A15-R7B Datasheet
180Kb / 2P
220WAC-DC Single Output Desktop
More results

Similar Description - GS2200MIZ

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
WIFI-102 ADVANTECH-WIFI-102 Datasheet
225Kb / 1P
MINI PCI 802.11b/g Card
logo
Murata Manufacturing Co...
LBWA1ZZVK7-539 MURATA-LBWA1ZZVK7-539 Datasheet
612Kb / 26P
802.11b/g module
logo
List of Unclassifed Man...
HLK-PM01 ETC2-HLK-PM01 Datasheet
433Kb / 3P
Ultra-compact power module
HLK-PM03 ETC1-HLK-PM03 Datasheet
172Kb / 4P
Ultra-compact module power
logo
Compex Systems Pte. Lte...
WLE1216V2-20 COMPEX-WLE1216V2-20 Datasheet
746Kb / 4P
4x4 802.11b/g/n/ac Mini PCIe WiFi Module
WLE1216V2-20-I COMPEX-WLE1216V2-20-I Datasheet
746Kb / 4P
4x4 802.11b/g/n/ac Mini PCIe WiFi Module
logo
Quectel Wireless Soluti...
BC68 QUECTEL-BC68 Datasheet
541Kb / 2P
Ultra-compact Multi-band NB-IoT Module with Ultra-low Power Consumption
logo
List of Unclassifed Man...
RT5390 ETC1-RT5390 Datasheet
2Mb / 36P
802.11b/g/n 1T1R WLAN Mini Card
logo
silex technology americ...
SX-SDMGN SILEX-SX-SDMGN Datasheet
1,011Kb / 2P
802.11b/g/n SDIO Module
REV D. 20192903
logo
BCM Advanced Research.
AR8MXMM BCM-AR8MXMM Datasheet
464Kb / 1P
i.MX8M Mini Quad Core SoC Ultra Compact, Ultra Low Power ARM Motherboard
2021/06/09
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com