Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P83C151SA Datasheet(PDF) 3 Page - Intel Corporation

Part # P83C151SA
Description  HIGH-PERFORMANCE CHMOS MICROCONTROLLER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

P83C151SA Datasheet(HTML) 3 Page - Intel Corporation

  P83C151SA Datasheet HTML 1Page - Intel Corporation P83C151SA Datasheet HTML 2Page - Intel Corporation P83C151SA Datasheet HTML 3Page - Intel Corporation P83C151SA Datasheet HTML 4Page - Intel Corporation P83C151SA Datasheet HTML 5Page - Intel Corporation P83C151SA Datasheet HTML 6Page - Intel Corporation P83C151SA Datasheet HTML 7Page - Intel Corporation P83C151SA Datasheet HTML 8Page - Intel Corporation P83C151SA Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
8XC151SASB HIGH-PERFORMANCE CHMOS MICROCONTROLLER
TEMPERATURE RANGE
With the commercial (standard) temperature option
the device operates over the temperature range 0 C
to a70 C The express temperature option provides
b
40 Cto a85 C device operation
PROLIFERATION OPTIONS
Table 1 lists the proliferation options See Figure 2
for the 8XC151SASB family nomenclature
Table 1 Proliferation Options
8XC151SASB
(0 MHz – 16 MHz 5V g10%)
80C151SB
CPU-only
83C151SA
8K ROM
83C151SB
16K ROM
87C151SA
8K OTPROM
87C151SB
16K OTPROM
PROCESS INFORMATION
This device is manufactured on a complimentary
high-performance
metal-oxide
semiconductor
(CHMOS) process Additional process and reliability
information is available in Intel’s
Components Quali-
ty and Reliability Handbook (order number 210997)
All thermal impedance data is approximate for static
air conditions at 1 watt of power dissipation Values
change depending on operating conditions and ap-
plication requirements The Intel
Packaging Hand-
book (order number 240800) describes Intel’s ther-
mal impedance test methodology
Table 2 Thermal Characteristics
Package Type
iJA
iJC
44-Lead PLCC
46 CW
16 CW
40-Pin PDIP
45 CW
16 CW
PACKAGE OPTIONS
Table 3 lists the 8XC151SASB packages
Table 3 Package Information
Pkg
Definition
Temperature
N
44-Lead PLCC
0 Cto a70 C
P
40-Pin Plastic DIP
0 Cto a70 C
TN
44-Lead PLCC
b
40 Cto a85 C
TP
40-Pin Plastic DIP
b
40 Cto a85 C
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com