Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P83C151SA Datasheet(PDF) 4 Page - Intel Corporation

Part # P83C151SA
Description  HIGH-PERFORMANCE CHMOS MICROCONTROLLER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

P83C151SA Datasheet(HTML) 4 Page - Intel Corporation

  P83C151SA Datasheet HTML 1Page - Intel Corporation P83C151SA Datasheet HTML 2Page - Intel Corporation P83C151SA Datasheet HTML 3Page - Intel Corporation P83C151SA Datasheet HTML 4Page - Intel Corporation P83C151SA Datasheet HTML 5Page - Intel Corporation P83C151SA Datasheet HTML 6Page - Intel Corporation P83C151SA Datasheet HTML 7Page - Intel Corporation P83C151SA Datasheet HTML 8Page - Intel Corporation P83C151SA Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
8XC151SASB HIGH-PERFORMANCE CHMOS MICROCONTROLLER
272814 – 2
Figure 2 The 8XC151SASB Family Nomenclature
Table 4 Description of Product Nomenclature
Parameter
Options
Description
Temperature and Burn-in
no mark
Commercial operating temperature range (0 Cto70 C) with Intel
standard burn-in
Options
T
Express operating temperature range (b40 Cto85 C) with Intel
standard burn-in
Packaging Options
N
44-lead Plastic Leaded Chip Carrier (PLCC)
P
40-pin Plastic Dual In-line Package (PDIP)
Program Memory
0
Without ROMOTPROM
Options
3
ROM
7
User programmable OTPROM
Process Information
C
CHMOS
Product Family
151
8-bit controller architecture
Device Memory Options
SASB
256 bytes RAM816 Kbyte ROMOTPROM or without ROM
OTPROM
Device Speed
16
External clock frequency
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com