| Electronic Components Datasheet Search |
|
HPC-DEV-SYS2 Datasheet(PDF) 18 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
HPC-DEV-SYS2 Datasheet(HTML) 18 Page - National Semiconductor (TI) |
|
18 / 30 page ![]() HDLC Functional Description (Continued) TLDD10422 – 31 FIGURE 17 64 kbit56 kbit Rate Adaption Timing Diagram dressing handling and CRC checking All data between the flags is shifted through two 8-bit serial shift registers before being loaded into the buffer register The user programma- ble address register values are compared to the incoming data while it resides in the shift registers If an address match occurs or if operating in the transparent address rec- ognition mode the DMA channel is signaled that attention is required and the data is transferred by it to external memo- ry Appropriate interrupts are generated to the CPU on the reception of a complete frame or on the occurance of a frame error The receive interrupt in conjunction with status data in the control registers allows interrupts to be generated on the following conditionsframe length error CRC error receive error abort and receive complete To support V120 UI data packets at the ‘‘R’’ interface pro- prietary CRC algorithms and test equipment the two bytes preceding the closing flag (usually the CRC bytes) will be loaded into registers The two bytes can then be read by the CPU and placed into memory The DMA address pointers used for that particular message will already contain the address that the first byte should be placed into RECEIVER FEATURES Flag sharing the closing flag of one packet may be shared as the opening flag of the next Receiver will also be able to share a zero between flags011111101111110 is a valid two flag sequence for receive (not transmit) Interframe fill the receiver automatically accepts either re- peated flags repeated aborts or all ‘1’s as the interframe fill Idle Reception of successive flags as the interframe fill se- quence to be signaled to the user by setting the Flag bit in the Receiver Status register Short Frame Rejection Reception of greater than 2 bytes but less than 4 bytes between flags will generate a frame error terminating reception of the current frame and setting the Frame Error (FER) status bit in the Receive Control and Status register Reception of less than 2 bytes will be ig- nored Abort the 7 ‘1’s abort sequence will be immediately recog- nized and will cause the receiver to reinitialize and return to searching the incoming data for an opening flag Reception of the abort will cause the abort status bit in the Interrupt Error Status register to be set and will signal an End of Message (EOMR) BitByte boundaries The message length between packet headers may have any number of bits and it is not confined to an integral number of bytes Three bits in the status regis- ter are used to indicate the number of valid bits in the last byte Address Recognition Two user programmable bytes are available to allow frame address recognition on the two bytes immediately following the opening flag When the re- ceived address matches the programmed value(s) the frame is passed through to the DMA channel If no match occurs the received frame address information is disregard- ed and the receiver returns to searching for the next open- ing flag and the address recognition process starts anew Support is provided to allow recognition of the Broadcast address Additionally a transparent mode of operation is available where no address decoding is done HDLC INTERRUPT CONDITIONS The end of message interrupt (EOM) indicates that a com- plete frame has been received or transmitted by the HDLC controller Thus there are four separate sources for this interrupt two each from each HDLC channel The Message Control Register contains the pending bits for each source HDLC ERROR DETECTION The HDLCDMA detects several error conditions and re- ports them in the two Error Status Registers These condi- tions are a DMA transmitter underrun a DMA receiver over- run a CRC error a frame too long a frame too short and an aborted message HDLC CHANNEL CLOCK Each HDLC channel uses the falling edge of the clock to sample the receive data Outgoing transmit data is shifted out on the rising edge of the external clock The maximum data rate when using the externally provided clocks is 465 Mbs The receivertransmitter pair can share a single clock input to save IO pins or the inputs can be separated to allow different receive and transmit clocks This feature allows the receiver and transmitter to operate at different frequencies or enables them to each be synchronized to different parts of the user’s system CYCLIC REDUNDACY CHECK There are two standard CRC codes used in generating the 16-bit Frame Check Sequence (FCS) that is appended to the end of the data frame Both codes are supported and 18 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |