Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPC-DEV-SYS2 Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # HPC-DEV-SYS2
Description  High-Performance Communications MicroController
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

HPC-DEV-SYS2 Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button HPC-DEV-SYS2 Datasheet HTML 18Page - National Semiconductor (TI) HPC-DEV-SYS2 Datasheet HTML 19Page - National Semiconductor (TI) HPC-DEV-SYS2 Datasheet HTML 20Page - National Semiconductor (TI) HPC-DEV-SYS2 Datasheet HTML 21Page - National Semiconductor (TI) HPC-DEV-SYS2 Datasheet HTML 22Page - National Semiconductor (TI) HPC-DEV-SYS2 Datasheet HTML 23Page - National Semiconductor (TI) HPC-DEV-SYS2 Datasheet HTML 24Page - National Semiconductor (TI) HPC-DEV-SYS2 Datasheet HTML 25Page - National Semiconductor (TI) HPC-DEV-SYS2 Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
Design Considerations
Designs using the HPC family of 16-bit high speed CMOS
microcontrollers need to follow some general guidelines on
usage and board layout
Floating inputs are a frequently overlooked problem CMOS
inputs have extremely high impedance and if left open can
float to any voltage possibly causing internal devices to go
into active mode and draw DC current You should thus tie
unused inputs to VCC or ground either through a resistor or
directly Unlike the inputs unused outputs should be left
floating to allow the output to switch without drawing any DC
current
To reduce voltage transients keep the supply line’s parasit-
ic inductances as low as possible by reducing trace lengths
using wide traces ground planes and by decoupling the
supply with bypass capacitors In order to prevent additional
voltage spiking this local bypass capacitor must exhibit low
inductive reactance You should therefore use high frequen-
cy ceramic capacitors and place them very near the IC to
minimize wiring inductance
 Keep VCC bus routing short When using double sided or
multilayer circuit boards use ground plane techniques
 Keep ground lines short and on PC boards make them
as wide as possible even if trace width varies Use sepa-
rate ground traces to supply high current devices such as
relay and transmission line drivers
 In systems mixing linear and logic functions and where
supply noise is critical to the analog components’ per-
formance provide separate supply buses or even sepa-
rate supplies
 When using local regulators bypass their inputs with a
tantalum capacitor of at least 1 mF and bypass their out-
puts with a 10 mFto50 mF tantalum or aluminum electro-
lytic capacitor
 If the system uses a centralized regulated power supply
usea10 mFto20 mF tantalum electrolytic capacitor or a
50 mFto100 mF aluminum electrolytic capacitor to de-
couple the VCC bus connected to the circuit board
 Provide localized decoupling For random logic a rule
of
thumb
dictates
approximately
10
nF
(spaced
within 12 cm) per every two to five packages and 100 nF
for every 10 packages You can group these capacitanc-
es but it’s more effective to distribute them among the
ICs If the design has a fair amount of synchronous logic
with outputs that tend to switch simultaneously addition-
al decoupling might be advisable Octal flip-flop and buff-
ers in bus-oriented circuits might also require more de-
coupling Note that wire-wrapped circuits can require
more decoupling than ground plane or multilayer PC
boards
A recommended crystal oscillator circuit to be used with the
HPC is shown in
Figure 20 See table for recommended
component values The recommended values given in the
table below have yielded consistent results and are made to
match a crystal with a 20 pF load capacitance with some
small allowance for layout capacitance
A recommended layout for the oscillator network should be
as close to the processor as physically possible entirely
within 1
distance This is to reduce lead inductance from
long PC traces as well as interference from other compo-
nents and reduce trace capacitance The layout should
contain a large ground plane either on the top or bottom
surface of the board to provide signal shielding and a con-
venient location to ground both the HPC and the case of
the crystal
It is very critical to have an extremely clean power supply for
the HPC crystal oscillator Ideally one would like a VCC and
ground plane that provide low inductance power lines to the
chip The power planes in the PC board should be decou-
pled with three decoupling capacitors as close to the chip
as possible A 10 mF a 01 mF and a 0001 mF dipped mica
or ceramic cap mounted as close to the HPC as is physically
possible on the board using the shortest leads or surface
mount components This should provide a stable power
supply and noiseless ground plane which will vastly im-
prove the performance of the crystal oscillator network
HPC Oscillator Table
XTAL
Frequency
R1 (X)
(MHz)
s
2
1500
4
1200
6
910
8
750
10
600
12
470
14
390
16
300
18
220
20
180
RF e 33 MX
C1 e 27 pF
C2 e 33 pF
XTAL Specifications The crystal used was an M-TRON Industries MP-1 Se-
ries XTAL ‘‘AT’’ cut parallel resonant
CL e 18 pF
Series Resistance is
40X
10 MHz
600X
2 MHz
TLDD10422 – 29
FIGURE 20 Recommended Crystal Circuit
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com