Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6650CS5 Datasheet(PDF) 1 Page - Linear Technology

Part # LT6650CS5
Description  Micropower, 400mV Reference with Rail-to-Rail Buffer Amplifier in SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6650CS5 Datasheet(HTML) 1 Page - Linear Technology

  LT6650CS5 Datasheet HTML 1Page - Linear Technology LT6650CS5 Datasheet HTML 2Page - Linear Technology LT6650CS5 Datasheet HTML 3Page - Linear Technology LT6650CS5 Datasheet HTML 4Page - Linear Technology LT6650CS5 Datasheet HTML 5Page - Linear Technology LT6650CS5 Datasheet HTML 6Page - Linear Technology LT6650CS5 Datasheet HTML 7Page - Linear Technology LT6650CS5 Datasheet HTML 8Page - Linear Technology LT6650CS5 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LT6650
1
6650f
APPLICATIO S
FEATURES
TYPICAL APPLICATIO
DESCRIPTIO
The LT®6650 is a micropower, low voltage 400mV refer-
ence. Operating with supplies from 1.4V up to 18V, the
device draws only 5.6
µA typical, making it ideal for low
voltage systems as well as handheld instruments and
industrial control systems. With only two resistors the
internal buffer amplifier can scale the 400mV reference to
any desired value up to the supply voltage.
The reference is postpackage-trimmed to increase the
output accuracy. The output can sink and source 200
µA
over temperature. Quiescent power dissipation is 28
µW.
Stability is ensured with any output capacitor of 1
µF or
higher.
The LT6650 is the lowest voltage series reference available
in the 5-lead SOT-23 package.
s
Battery-Operated Systems
s
Handheld Instruments
s
Industrial Control Systems
s
Data Acquisition Systems
s
Negative Voltage References
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
Low Quiescent Current 5.6
µA (typical)
s
Wide Supply Range: 1.4V to 18V
s
400mV Reference
±1% Maximum Accuracy Over
Temperature at 5V
s
Rail-to-Rail Buffer Amplifier
s
0.5% 400mV Maximum Initial Accuracy at 5V
s
Shunt Configurable
s
Sinks and Sources Current
s
Wide Operational Range –40
°C to 125°C
s
Externally Adjustable Output Voltage
s
Low Profile 1mm 5-lead SOT-23
(ThinSOT™) Package
Micropower, 400mV
Reference with Rail-to-Rail
Buffer Amplifier in SOT-23
ThinSOT is a trademark of Linear Technology Corporation.
OUT
VOUT
0.4V
VIN = 1.4V TO 18V
IQ ≈ 6µA
5
1
FB
IN
4
GND
1
µF
2
LT6650
–
+
1
µF
VR = 400mV
REFERENCE
6650 TA01a
TEMPERATURE (
°C)
402
401
400
398
399
–30
10
50
90
6650 TA01b
130
–50
–10
30
70
110
TYPICAL LT6650 PART
VIN = 5V
SINK 200
µA
SOURCE –200
µA
NO LOAD
LT6650 Temperature Drift
Battery-Powered 0.4V Reference


Similar Part No. - LT6650CS5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6650 LINER-LT6650 Datasheet
844Kb / 18P
SOT-23 Precision Wide Supply High Output Drive Low Noise Reference
LT6650 LINER-LT6650 Datasheet
452Kb / 12P
Micropower, 400mV Reference with Rail-to-Rail Buffer Amplifier in SOT-23
logo
Linear Integrated Syste...
LT6650 LINEAR-LT6650 Datasheet
747Kb / 22P
1.5ppm C Drift, Low Noise, Buffered Reference
logo
Linear Technology
LT6650 LINER-LT6650_15 Datasheet
452Kb / 12P
Micropower, 400mV Reference with Rail-to-Rail Buffer Amplifier in SOT-23
More results

Similar Description - LT6650CS5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1635 LINER-LT1635 Datasheet
306Kb / 12P
Micropower Rail-to-Rail Op Amp and Reference
LT1783 LINER-LT1783 Datasheet
211Kb / 12P
1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
LT1716 LINER-LT1716 Datasheet
353Kb / 12P
SOT-23, 44V, Over-The-Top, Micropower, Precision Rail-to-Rail Comparator
LT6700-1 LINER-LT6700-1 Datasheet
237Kb / 12P
Micropower, Low Voltage, SOT-23, Dual Comparator with 400mV Reference
LT1783 LINER-LT1783_1 Datasheet
172Kb / 16P
1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
LT1783IS5 LINER-LT1783IS5 Datasheet
164Kb / 16P
1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
LT1635 LINER-LT1635_15 Datasheet
241Kb / 12P
Micropower Rail-to-Rail Op Amp and Reference
LT6650 LINER-LT6650_15 Datasheet
452Kb / 12P
Micropower, 400mV Reference with Rail-to-Rail Buffer Amplifier in SOT-23
LT1716 LINER-LT1716_15 Datasheet
261Kb / 12P
SOT-23, 44V, Over-the-Top, Micropower, Precision Rail-to-Rail Comparator
LT1783 LINER-LT1783_15 Datasheet
184Kb / 16P
1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com