Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6650CS5 Datasheet(PDF) 4 Page - Linear Technology

Part # LT6650CS5
Description  Micropower, 400mV Reference with Rail-to-Rail Buffer Amplifier in SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6650CS5 Datasheet(HTML) 4 Page - Linear Technology

  LT6650CS5 Datasheet HTML 1Page - Linear Technology LT6650CS5 Datasheet HTML 2Page - Linear Technology LT6650CS5 Datasheet HTML 3Page - Linear Technology LT6650CS5 Datasheet HTML 4Page - Linear Technology LT6650CS5 Datasheet HTML 5Page - Linear Technology LT6650CS5 Datasheet HTML 6Page - Linear Technology LT6650CS5 Datasheet HTML 7Page - Linear Technology LT6650CS5 Datasheet HTML 8Page - Linear Technology LT6650CS5 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LT6650
4
6650f
INPUT VOLTAGE (V)
0
6
8
10
16
6650 G03
4
2
0
4
8
12
20
14
2
6
10
18
125
°C
–55
°C
25
°C
TEMPERATURE (
°C)
–60
404
403
402
400
401
399
398
397
396
100
6650 G01
–20
–40
0
40
80
120
20
60
TYPICAL PART
VIN = 1.4V
VIN = 5V
VIN = 18V
TEMPERATURE (
°C)
–60
403
402
400
401
399
398
100
6650 G02
–20
–40
0
40
80
120
20
60
THREE PARTS
VIN = 5V
INPUT VOLTAGE (V)
0
6
8
10
1.6
6650 G04
4
2
0
0.4
0.8
1.2
2.0
1.4
0.2
0.6
1.0
1.8
125
°C
–55
°C
25
°C
INPUT VOLTAGE (V)
2
398
399
400
401
402
610
14
18
6550 G05
403
404
48
12
16
TA = 125°C
TA = –55°C
TA = 25°C
INPUT VOLTAGE (V)
0.8
398
399
400
401
402
1.2
1.6
2.0
1.8
6650 G06
403
404
1.0
1.4
TA = 125°C
TA = –55°C
TA = 25°C
OUTPUT CURRENT (
µA)
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
100
1000
6650 G07
TYPICAL PART
VIN = 5V
125
°C
–55
°C
25
°C
OUTPUT CURRENT (
µA)
10
1000
900
800
700
600
500
400
300
200
100
0
100
1000
6650 G08
TYPICAL PART
VIN = 5V
125
°C
–55
°C
25
°C
OUTPUT CURRENT (
µA)
10
500
400
300
200
100
0
100
1000
6650 G09
VOUT = 1.425V - TYP (RF = 100k, RG = 39.2k)
0.1% VOUT
125
°C
–55
°C
25
°C
Output Voltage Temperature
Drift
Output Voltage Temperature
Drift
Supply Current vs Input Voltage
Line Regulation
Line Regulation
Load Regulation (Sourcing)
Load Regulation (Sinking)
Minimum Input-Output Voltage
Differential (Sourcing)
TYPICAL PERFOR A CE CHARACTERISTICS (See Applications, Figure 1)
Supply Current vs Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com