Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91F192 Datasheet(PDF) 13 Page - fujitsu semiconductor

Part # MB91F192
Description  32-bit Proprietary Microcontroller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91F192 Datasheet(HTML) 13 Page - fujitsu semiconductor

Back Button MB91F192 Datasheet HTML 9Page - fujitsu semiconductor MB91F192 Datasheet HTML 10Page - fujitsu semiconductor MB91F192 Datasheet HTML 11Page - fujitsu semiconductor MB91F192 Datasheet HTML 12Page - fujitsu semiconductor MB91F192 Datasheet HTML 13Page - fujitsu semiconductor MB91F192 Datasheet HTML 14Page - fujitsu semiconductor MB91F192 Datasheet HTML 15Page - fujitsu semiconductor MB91F192 Datasheet HTML 16Page - fujitsu semiconductor MB91F192 Datasheet HTML 17Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
MB
91191/192 Series
13
(Bus names)
• I bus : 16-bit bus for internal instructions. As the FR family of CPUs use the Harvard architecture, instructions
and data use separate buses. A bus converter is connected to the I bus.
• D bus : Internal 32-bit data bus. The internal peripherals are connected to the D bus.
• C bus : Internal multiplexed bus. Connected to the I and D buses via a switch. An external interface module
is connected to the C bus. Data and instructions are multiplexed on the external data bus.
• R bus : Internal 16-bit data bus. The R bus connects to the D bus via an adapter. The I/O, clock oscillator, and
interrupt controller are connected to the R bus. As the R bus is only 16 bits wide, address and data
are multiplexed on the bus and therefore multiple cycles are required when the CPU accesses these
resources.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com