Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91F192 Datasheet(PDF) 21 Page - fujitsu semiconductor

Part # MB91F192
Description  32-bit Proprietary Microcontroller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91F192 Datasheet(HTML) 21 Page - fujitsu semiconductor

Back Button MB91F192 Datasheet HTML 17Page - fujitsu semiconductor MB91F192 Datasheet HTML 18Page - fujitsu semiconductor MB91F192 Datasheet HTML 19Page - fujitsu semiconductor MB91F192 Datasheet HTML 20Page - fujitsu semiconductor MB91F192 Datasheet HTML 21Page - fujitsu semiconductor MB91F192 Datasheet HTML 22Page - fujitsu semiconductor MB91F192 Datasheet HTML 23Page - fujitsu semiconductor MB91F192 Datasheet HTML 24Page - fujitsu semiconductor MB91F192 Datasheet HTML 25Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
MB
91191/192 Series
21
(2) Multiplex Bus Read/Write Operation
(VDD
= +3.0 V ± 0.3 V, VSS = AVSS = 0 V, TA = −20 °C to +70 °C)
*1 : When the bus is delayed by automatic wait insertion, add (tCYC
× number of wait cycles) to this value.
*2 : This value is for gear setting
= ×1
For the value for gear settings 1/2, 1/4, and 1/8, substitute 1/2, 1/4, and 1/8 respectively for n in the formula below.
Formula : tCYCH
= (1 − n / 2) × tCYC
tCYCL
= (n / 2) × tCYC
Parameter
Symbol
Pin Name
Condi-
tion
Value
Unit
Re-
marks
Min
Typ
Max
ALE pulse width
tEHEL
ALE
tCYC
− 10

ns
Address delay time
tEHAV
A15 to A0,
D31 to D16
tCYCH
− 15
tCYCH
tCYCH
+ 15
ns
*2
Address clear time
tEHAX
tCYCL
− 2tCYCL
tCYCL
+ 10
ns
*2
Data delay time
tELDV
D31 to D16

tCYCL
+ 26
ns
*2
RD delay time
tELRL
RD
tCYC
− 11
tCYC
tCYC
+ 11
ns
RD pulse width
tRLRH
tCYC
− 11
tCYC
tCYC
+ 11
ns
*1
WR0, WR1 delay time
tELWL
WR0, WR1
tCYC
− 11
tCYC
tCYC
+ 11
ns
WR0, WR1 pulse width
tWLWH
tCYC
− 11
tCYC
tCYC
+ 11
ns
*1
Data setup
→ RD ↑ time
tDSRH
RD,
D31 to D16
15

ns
RD
↑→ Data hold time
tRHDX
0

ns
tWLWH
Internal
clock
ALE
Read time
D31 to D16
MPX bus
RD
Write time
D31 to D16
MPX bus
WR0 , WR1
A15 to A08
When not
multiplexed
tEHEL
tEHAV
tELAX
tDSRH
tRHDX
tELRL
tRLRH
tELDV
tWHDX
tELWL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com