Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KUSB-488B Datasheet(PDF) 8 Page - TEKTRONIX, INC.

Part # KUSB-488B
Description  Series 2400 SourceMeter SMU Instruments
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

KUSB-488B Datasheet(HTML) 8 Page - TEKTRONIX, INC.

Back Button KUSB-488B Datasheet HTML 4Page - TEKTRONIX, INC. KUSB-488B Datasheet HTML 5Page - TEKTRONIX, INC. KUSB-488B Datasheet HTML 6Page - TEKTRONIX, INC. KUSB-488B Datasheet HTML 7Page - TEKTRONIX, INC. KUSB-488B Datasheet HTML 8Page - TEKTRONIX, INC. KUSB-488B Datasheet HTML 9Page - TEKTRONIX, INC. KUSB-488B Datasheet HTML 10Page - TEKTRONIX, INC. KUSB-488B Datasheet HTML 11Page - TEKTRONIX, INC. KUSB-488B Datasheet HTML 12Page - TEKTRONIX, INC.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Datasheet
TEK.COM
8
Series 2400 SourceMeter® SMU Instruments
System Speeds
Measurement 1
Maximum Range Change Rate
75/second.
Maximum Measure Autorange Time 40 ms (fixed source).2
Sweep Operation3 Reading Rates (rdg./second) for 60 Hz (50 Hz)
Speed
NPLC/
Trigger Origin
Measure
Source-Measure
Source-Measure5
Pass/Fail Test4, 5
Source-Memory4
To Mem.
To GPIB
To Mem.
To GPIB
To Mem.
To GPIB
To Mem.
To GPIB
Fast
0.01 / internal 2081 (2030) 1754
1551 (1515) 1369
902 (900) 981
165
(162)
165
IEEE-488.1
Mode
0.01 / external 1239 (1200) 1254
1018 (990) 1035
830 (830) 886
163
(160)
163
Fast
0.01 / internal 2081 (2030) 1198 (1210) 1551 (1515) 1000 (900) 902 (900) 809 (840)
165
(162)
164
(162)
IEEE-488.2
Mode
0.01 / external 1239 (1200) 1079 (1050) 1018 (990)
916
(835) 830 (830)
756
(780)
163
(160)
162
(160)
Medium
0.10 / internal
510
(433) 509 (433)
470
(405)
470
(410)
389 (343) 388 (343)
133
(126)
132
(126)
IEEE-488.2
Mode
0.10 / external
438 (380) 438 (380) 409 (360) 409 (365)
374
(333)
374
(333)
131
(125)
131
(125)
Normal
1.00 / internal
59
(49)
59
(49)
58
(48)
58
(48)
56
(47)
56
(47)
44
(38)
44
(38)
IEEE-488.2
Mode
1.00 / external
57
(48)
57
(48)
57
(48)
57
(47)
56
(47)
56
(47)
44
(38)
44
(38)
Single Reading Operation Reading Rates (rdg./second) for 60 Hz (50 Hz)
Speed
NPLC/Trigger Origin
Measure To GPIB
Source-Measure5 To GPIB
Source-Measure Pass/Fail
Test4, 5 To GPIB
Fast (488.1)
0.01 / internal
537
140
135
Fast (488.2)
0.01 / internal
256
(256)
79
(83)
79
(83)
Medium (488.2)
0.10 / internal
167
(166)
72
(70)
69
(70)
Normal (488.2)
1.00 / internal
49
(42)
34
(31)
35
(30)
Component for 60 Hz (50 Hz) 4, 6
Speed
NPLC/Trigger Origin
Measure To GPIB
Source Pass/Fail Test
Source-Measure Pass/Fail Test5, 7
To GPIB
Fast
0.01 / external
1.04 ms
(1.08 ms)
0.5 ms
(0.5 ms)
4.82 ms
(5.3 ms)
Medium
0.10 / external
2.55 ms
(2.9 ms)
0.5 ms
(0.5 ms)
6.27 ms
(7.1 ms)
Normal
1.00 / external
17.53 ms
(20.9 ms)
0.5 ms
(0.5 ms)
21.31 ms
(25.0 ms)
NOTES
1. Reading rates applicable for voltage or current measurements. Auto zero off, autorange off, filter off, display off, trigger delay = 0, and binary reading format.
2. Purely resistive lead. 1 µA and 10 µA ranges <65 ms.
3. 1000 point sweep was characterized with the source on a fixed range.
4. Pass/Fail test performed using one high limit and one low math limit.
5. Includes time to re-program source to a new level before making measurement.
6. Time from falling edge of START OF TEST signal to falling edge of end of test signal.
7. Command processing time of :SOURce:VOLTage|CURRent:TRIGgered <nrf> command not included.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com