Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM192160CCW Datasheet(PDF) 4 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LM192160CCW
Description  LCD Module User Manual
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LM192160CCW Datasheet(HTML) 4 Page - Shenzhen TOPWAY Technology Co., Ltd

  LM192160CCW Datasheet HTML 1Page - Shenzhen TOPWAY Technology Co., Ltd LM192160CCW Datasheet HTML 2Page - Shenzhen TOPWAY Technology Co., Ltd LM192160CCW Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LM192160CCW Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LM192160CCW Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LM192160CCW Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LM192160CCW Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LM192160CCW Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LM192160CCW Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TOPWAY
LCD Module User Manual
LM192160CCW
URL:
www.topwaydisplay.com
www.topwaysz.com
Document Name: LM192160CCW-Manual-Rev0.1.DOC
Page: 4 of 14
1.4
Terminal Functions
Pin No.
Pin Name
I/O
Descriptions
8-bit parallel
8080 mode
8-bit parallel
6800 mode
1
DB7
I/O
8-bit Data bus;
Three state I/O terminal for display data or instruction data
when /CS =H,
DB0~DB7=High Impedance
:
:
8
DB0
9
/RST
Input
Reset:
/RST=LOW: Initialization is executed
/RST=HIGH: Normal
10
/CS0
Input
Chip Select
/CS0=LOW : Data IO is enabled
11
CD
Input
Register Select
CD=HIGH: data on DB0 to DB7 is display data
CD=LOW: data on DB0 to DB7 is control data
12
WR0
Input
WR0=L
H, WR1=H;
Data or Instruction latch into the LCD
module
WR0=H,WR1=H;
Data or Status read from the LCD
module
WR0=L,WR1=H
L;
Data or Status latch into the LCD
module
13
WR1
Input
WR0=H, WR1=L;
Data or Status read form the LCD
module
14
BM0
Input
L
H
15
TST4
-
Not use(Leave open)
16
VSS
Power
0V Supply, Ground (0V)
17
VDD
Power
Positive Power Supply
18
VLCDIN
Power
High voltage LCD Power Supply
19
VLCDOUT
Power
High voltage LCD Power Supply
20
VA0-
Power
LCD driving voltage supply terminals
21
VA1-
22
VA1+
23
VA0+
24
VB0-
25
VB1-
26
VB1+
27
VB0+
28
VSS2
Power
Connect to VSS
/
BLA
Power
Backlight Positive Power Supply
/
BLK
Power
Backlight Negative Power Supply
Note: About Interface setting, please refer to UC1611 datasheet for more detail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com