Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM192160CCW Datasheet(PDF) 7 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LM192160CCW
Description  LCD Module User Manual
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LM192160CCW Datasheet(HTML) 7 Page - Shenzhen TOPWAY Technology Co., Ltd

Back Button LM192160CCW Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LM192160CCW Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LM192160CCW Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LM192160CCW Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LM192160CCW Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LM192160CCW Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LM192160CCW Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd LM192160CCW Datasheet HTML 10Page - Shenzhen TOPWAY Technology Co., Ltd LM192160CCW Datasheet HTML 11Page - Shenzhen TOPWAY Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
TOPWAY
LCD Module User Manual
LM192160CCW
URL:
www.topwaydisplay.com
www.topwaysz.com
Document Name: LM192160CCW-Manual-Rev0.1.DOC
Page: 7 of 14
3.3.2
6800 Mode System Bus Timing
VSS=0V, VDD=3.3V, TOP=25°C
Item
Symbol
MIN.
TYP.
MAX.
Unit
System cycle time
tcyc6
235
-
-
ns
Address setup time (CD)
taw6
10
-
-
ns
Address hold time (CD)
tah6
10
-
-
ns
Control LOW pulse width (WR0)
tewlr
97
-
-
ns
Control LOW pulse width (WR0)
tewlw
97
-
-
ns
Control HIGH pulse width (WR1)
tewhr
97
-
-
ns
Control HIGH pulse width (WR0)
tewhw
97
-
-
ns
Data setup time
tds6
39
-
-
ns
Data hold time
tdh6
10
-
-
ns
WR1 access time (*2)
tacc6
-
-
78
ns
Output disable time (*2)
toh6
21
-
-
ns
Note:
*1. Input signal rise/fall time should be less than 12ns
*2. CL=100pF
3.4
Reset Timing
VSS=0V, VDD=3.3V, TOP=25°C
Item
Symbol
MIN.
TYP.
MAX.
Unit
Reset time
tr
15
-
-
ms
Reset LOW pulse width
trw
4
-
-
μs
Note:
*1. Input signal rise/fall time should be less than 12ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com