Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRF2140 Datasheet(PDF) 12 Page - Guerrilla RF, Inc.

Part # GRF2140
Description  Low Current LNA w/Bypass Tuning Range: 0.1 to 3.8 GHz
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GUERRILLA [Guerrilla RF, Inc.]
Direct Link  https://www.guerrilla-rf.com/
Logo GUERRILLA - Guerrilla RF, Inc.

GRF2140 Datasheet(HTML) 12 Page - Guerrilla RF, Inc.

Back Button GRF2140 Datasheet HTML 8Page - Guerrilla RF, Inc. GRF2140 Datasheet HTML 9Page - Guerrilla RF, Inc. GRF2140 Datasheet HTML 10Page - Guerrilla RF, Inc. GRF2140 Datasheet HTML 11Page - Guerrilla RF, Inc. GRF2140 Datasheet HTML 12Page - Guerrilla RF, Inc. GRF2140 Datasheet HTML 13Page - Guerrilla RF, Inc. GRF2140 Datasheet HTML 14Page - Guerrilla RF, Inc. GRF2140 Datasheet HTML 15Page - Guerrilla RF, Inc. GRF2140 Datasheet HTML 16Page - Guerrilla RF, Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
GRF2140
Guerrilla RF Proprietary Information. Guerrilla RFTM and the composite logo of Guerrilla RFTM are trademarks of Guerrilla RF, Inc. ©2014 Guerrilla RF, Inc. All rights reserved.
Revision Date: 10/24/19
Please contact Guerrilla RF at (+1) 336-510-7840 or sales@guerrilla-rf.com
Released
Low Current LNA w/Bypass
Tuning Range: 0.1 to 3.8 GHz
Component
Type
Manufacturer
Family
Value
Package Size
Substitution
M1
Inductor
Murata
LQP
3.9 nH
0402
Yes
M2
Capacitor
Murata
GJM
30 pF
0402
Yes
M3
Inductor
Murata
LQP
1.5 nH
0402
Yes
M5 (see curves)
Resistor
Various
—
TBD
0402
Yes
M8
Capacitor
Murata
GRM
0.1 uF
0402
Yes
M10
Inductor
Murata
LQP
3.3 nH
0402
Yes
M12
Capacitor
Murata
GJM
2.2 pF
0402
Yes
Evaluation Board:
DFN6-15-23-A
GRF2140 Standard Evaluation Board BOM: (1.7 to 2.2 GHz Tune)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com