Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRF2140 Datasheet(PDF) 14 Page - Guerrilla RF, Inc.

Part # GRF2140
Description  Low Current LNA w/Bypass Tuning Range: 0.1 to 3.8 GHz
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GUERRILLA [Guerrilla RF, Inc.]
Direct Link  https://www.guerrilla-rf.com/
Logo GUERRILLA - Guerrilla RF, Inc.

GRF2140 Datasheet(HTML) 14 Page - Guerrilla RF, Inc.

Back Button GRF2140 Datasheet HTML 8Page - Guerrilla RF, Inc. GRF2140 Datasheet HTML 9Page - Guerrilla RF, Inc. GRF2140 Datasheet HTML 10Page - Guerrilla RF, Inc. GRF2140 Datasheet HTML 11Page - Guerrilla RF, Inc. GRF2140 Datasheet HTML 12Page - Guerrilla RF, Inc. GRF2140 Datasheet HTML 13Page - Guerrilla RF, Inc. GRF2140 Datasheet HTML 14Page - Guerrilla RF, Inc. GRF2140 Datasheet HTML 15Page - Guerrilla RF, Inc. GRF2140 Datasheet HTML 16Page - Guerrilla RF, Inc.  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
GRF2140
Guerrilla RF Proprietary Information. Guerrilla RFTM and the composite logo of Guerrilla RFTM are trademarks of Guerrilla RF, Inc. ©2014 Guerrilla RF, Inc. All rights reserved.
Revision Date: 10/24/19
Please contact Guerrilla RF at (+1) 336-510-7840 or sales@guerrilla-rf.com
Released
Low Current LNA w/Bypass
Tuning Range: 0.1 to 3.8 GHz
Tape and Reel Information:
Guerrilla RF’s Tape and Reel specification complies with the Electronics Industries Association (EIA)
standards for ‘Embossed Carrier Tape of Surface Mount Components for Automatic Handling”. Reference
EIA-481. See the table on the following page for Tape and Reel specifications along with units per reel.
Devices are loaded with pins down into the carrier pocket with protective cover tape, wound into a plastic
reel. Each reel will be packaged in a cardboard box. There will be product labels on the reel, the protec-
tive ESD bag and the outside surface of the box.
Carrier Tape Width (W), Pitch (P), Feed Direction and Pin 1 Quadrant Information
Tape and Reel Packaging with Reel Diameter Noted (D)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com