Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM93LC86SA Datasheet(PDF) 4 Page - Anachip Corp

Part # AM93LC86SA
Description  16384-bits Serial Electrically Erasable PROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AM93LC86SA Datasheet(HTML) 4 Page - Anachip Corp

  AM93LC86SA Datasheet HTML 1Page - Anachip Corp AM93LC86SA Datasheet HTML 2Page - Anachip Corp AM93LC86SA Datasheet HTML 3Page - Anachip Corp AM93LC86SA Datasheet HTML 4Page - Anachip Corp AM93LC86SA Datasheet HTML 5Page - Anachip Corp AM93LC86SA Datasheet HTML 6Page - Anachip Corp AM93LC86SA Datasheet HTML 7Page - Anachip Corp AM93LC86SA Datasheet HTML 8Page - Anachip Corp AM93LC86SA Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AM93LC86
16384-bits Serial Electrically Erasable PROM
(Preliminary)
Anachip Corp.
www.anachip.com.tw
Rev 0.1 Oct 20, 2003
4/12
Pin Capacitance (note) (T
A=25°C, F=1Mhz )
Symbol
Parameter
Max
Unit
COUT
Output capacitance
5
pF
CIN
Input capacitance
5
pF
Note: The parameter is characterized and isn’t 100% tested.
Instruction Set
Address
Input data
Instruction
(note)
Start bit
Op code
X8
X16
×
8
×
16
READ
1
10
A10 ~ A0
A9 ~ A0
-
-
EWEN
1
00
11XXXXXXXXX
11XXXXXXXX
-
-
WRITE
1
01
A10 ~ A0
A9 ~ A0
D7 – D0
D15 - D0
WRAL
1
00
01XXXXXXXXX
01XXXXXXXX
D7 – D0
D15 - D0
EWDS
1
00
00XXXXXXXXX
00XXXXXXXX
-
-
ERASE
1
11
A10 ~ A0
A9 ~ A0
-
-
ERAL
1
00
10XXXXXXXXX
10XXXXXXXX
-
-
Note:
READ: Read
EWDS: Erase/write disable
EWEN: Erase/write enable
ERASE: Erase
WRITE: Write
ERAL: Erase all
WRAL: Write all
Functional Description
Endurance and data retention
The AM93LC86 is designed for applications
requiring up to 1M programming cycles (WRITE,
WRAL, EARSE and ERAL). It provides 40 years of
secure data retention.
Device operation
The AM93LC86 is controlled by seven 13-bit
instructions. Instructions are clocked in (serially) on
the DI pin. Each instruction begins with a logical "1"
(the start bit). This is followed by the opcode (2 bits),
the address field (10/11 bits), and data, if
appropriated,. The clock signal (SK) may be halted
at any time and the AM93LC86 will remain in its last
state. This allows full static flexibility and maximum
power conservation.
Auto increment read operations
Sequential read is possible, since the AM93LC86
has been designed to output a continuous stream
of memory
content
in
response to a
single
read
operation instruction. To utilize this function, the
system asserts a read instruction specifying a start
location address. Once the 8-bit or 16-bit of the
addressed word have been clocked out, the data in
consecutively higher address locations is output.
The address will wrap around continuously with CS
high until the chip select (CS) control pin is brought
low. This allows for single instruction data dumps to
be executed with a minimum of firmware overhead.
Read (READ)
The READ instruction is the only instruction that
outputs serial data on the DO pin. After the read
instruction and address have been decoded, data is
transferred from the selected memory register into
a 8-bit or 16-bit serial shift register. (Please note
that one logical "0" bit precedes the actual 8-bit or
16-bit output data string.) The output on DO
changes during the rising edge transitions of SK.
(shown in figure 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com