Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM93LC86SA Datasheet(PDF) 3 Page - Anachip Corp

Part # AM93LC86SA
Description  16384-bits Serial Electrically Erasable PROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AM93LC86SA Datasheet(HTML) 3 Page - Anachip Corp

  AM93LC86SA Datasheet HTML 1Page - Anachip Corp AM93LC86SA Datasheet HTML 2Page - Anachip Corp AM93LC86SA Datasheet HTML 3Page - Anachip Corp AM93LC86SA Datasheet HTML 4Page - Anachip Corp AM93LC86SA Datasheet HTML 5Page - Anachip Corp AM93LC86SA Datasheet HTML 6Page - Anachip Corp AM93LC86SA Datasheet HTML 7Page - Anachip Corp AM93LC86SA Datasheet HTML 8Page - Anachip Corp AM93LC86SA Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AM93LC86
16384-bits Serial Electrically Erasable PROM
(Preliminary)
Anachip Corp.
www.anachip.com.tw
Rev 0.1 Oct 20, 2003
3/12
DC Electrical Characteristics (Vcc =2.7~5.5V, T
A = 25
oC, unless otherwise noted)
Symbol
Parameter
Conditions
Min
Max
Unit
I
CC
Operating current**
CS=VIH, SK=1MHz CMOS input levels
3
mA
I
SB
Standby current
CS=DI=SK=0V
10
µA
I
IL
Input leakage
VIN = 0V to VCC(CS,SK,DI)
-1
1
µA
I
OL
Output leakage
VOUT = 0V to VCC, CS=0V
-1
1
µA
VCC = 3V + 10%
-0.1
0.15 VCC
V
IL
Input low voltage**
VCC = 5V + 10%
-0.1
0.8
V
VCC = 3V + 10%
0.8 VCC
VCC +0.2
V
IH
Input high voltage**
VCC = 5V + 10%
2
VCC+0.2
V
V
OL1
Output low voltage
IOL = 2.1mA TTL, VCC=5V + 10%
0.4
V
V
OH1
Output high voltage
IOH = -400uA TTL, VCC=5V + 10%
2.4
V
V
OL2
Output low voltage
IOL = 10uA CMOS
0.2
V
V
OL2
Output high voltage
IOH = -10uA CMOS
VCC -0.2
V
Note ** : ICC, VIL min and VIH max are for reference only and are not tested.
AC Electrical Characteristics (Vcc = 2.7V ~ 5.5V, T
A = 25
oC, unless otherwise noted)
Symbol
Parameter
Conditions
Min
Max
Unit
FSK
SK Clock Frequency
0
1
Mhz
TSKH
SK High Time
250
nS
TSKL
SK Low Time
250
nS
TCS
Minimum CS Low Time
250
nS
TCSS
CS Setup Time
Relative to SK
50
nS
TDIS
DI Setup Time
Relative to SK
100
nS
TCSH
CS Hold Time
Relative to SK
0
nS
TDIH
DI Hold Time
Relative to SK
100
nS
TPD1
Output Delay to "1"
AC test (Fig. 1)
500
nS
TPD0
Output Delay to "0"
AC test (Fig. 1)
500
nS
TSV
CS to Status Valid
AC test CL = 100pF
500
nS
TDF
CS to DO in 3-state
CS = VIL
100
nS
TWP
Write Cycle Time
10
mS
Endurance(note)
5V, 25ºC
1M
write cycles
Note: The parameter is characterized and isn’t 100% tested.
632 ohm
DO
1.247V
(1 TTL Gate Load)
100PF
Figure 1. AC test circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com