Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC47M14X Datasheet(PDF) 133 Page - SMSC Corporation

Part # LPC47M14X
Description  128 PIN ENGANCED SUPER I/O CONTROLLER WITH AN LPC INTERFACE AND USB HUB
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M14X Datasheet(HTML) 133 Page - SMSC Corporation

Back Button LPC47M14X Datasheet HTML 129Page - SMSC Corporation LPC47M14X Datasheet HTML 130Page - SMSC Corporation LPC47M14X Datasheet HTML 131Page - SMSC Corporation LPC47M14X Datasheet HTML 132Page - SMSC Corporation LPC47M14X Datasheet HTML 133Page - SMSC Corporation LPC47M14X Datasheet HTML 134Page - SMSC Corporation LPC47M14X Datasheet HTML 135Page - SMSC Corporation LPC47M14X Datasheet HTML 136Page - SMSC Corporation LPC47M14X Datasheet HTML 137Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 205 page
background image
SMSC DS – LPC47M14X
Page 133
Rev. 03/19/2001
NAME
REG OFFSET
(hex)
DESCRIPTION
SMI_STS3
Default = 0x00
on VTR POR
12
(R/W)
SMI Status Register 3
This register is used to read the status of the SMI inputs.
The following bits are cleared on a write of ‘1’.
Bit[0] GP20
Bit[1] GP21
Bit[2] GP22
Bit[3] Reserved
Bit[4] GP24
Bit[5] GP25
Bit[6] GP26
Bit[7] GP60
SMI_STS4
Default = 0x00
on VTR POR
(Note 6)
13
(R/W)
SMI Status Register 4
This register is used to read the status of the SMI inputs.
The following bits are cleared on a write of ‘1’.
Bit[0] GP30
Bit[1] GP31
Bit[2] GP32
Bit[3] GP33
Bit[4] GP41
Bit[5] GP42
Bit[6] GP43
Bit[7] GP61
SMI_STS5
Default = 0x00
on VTR POR
14
(R/W)
SMI Status Register 5
This register is used to read the status of the SMI inputs.
The following bits are cleared on a write of ‘1’.
Bit[0] GP54
Bit[1] GP55
Bit[2] GP56
Bit[3] GP57
Bit[4] Reserved
Bit[5] Reserved
Bit[6] FAN_TACH1
Bit[7] FAN_TACH2
N/A
15
(R)
Reserved – reads return 0
SMI_EN1
Default = 0x00
on VTR POR
16
(R/W)
SMI Enable Register 1
This register is used to enable the different interrupt
sources onto the group nSMI output.
1=Enable
0=Disable
Bit[0] Reserved
Bit[1] EN_PINT
Bit[2] EN_U2INT
Bit[3] EN_U1INT
Bit[4] EN_FINT
Bit[5] EN_MPU-401 INT
Bit[6] Reserved
Bit[7] Reserved (Note 7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com