Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC47M14X Datasheet(PDF) 93 Page - SMSC Corporation

Part # LPC47M14X
Description  128 PIN ENGANCED SUPER I/O CONTROLLER WITH AN LPC INTERFACE AND USB HUB
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M14X Datasheet(HTML) 93 Page - SMSC Corporation

Back Button LPC47M14X Datasheet HTML 89Page - SMSC Corporation LPC47M14X Datasheet HTML 90Page - SMSC Corporation LPC47M14X Datasheet HTML 91Page - SMSC Corporation LPC47M14X Datasheet HTML 92Page - SMSC Corporation LPC47M14X Datasheet HTML 93Page - SMSC Corporation LPC47M14X Datasheet HTML 94Page - SMSC Corporation LPC47M14X Datasheet HTML 95Page - SMSC Corporation LPC47M14X Datasheet HTML 96Page - SMSC Corporation LPC47M14X Datasheet HTML 97Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 205 page
background image
SMSC DS – LPC47M14X
Page 93
Rev. 03/19/2001
FIFO Operation
The FIFO threshold is set in the chip configuration registers. All data transfers to or from the parallel port can proceed in
DMA or Programmed I/O (non-DMA) mode as indicated by the selected mode. The FIFO is used by selecting the
Parallel Port FIFO mode or ECP Parallel Port Mode. (FIFO test mode will be addressed separately.) After a reset, the
FIFO is disabled. Each data byte is transferred by a Programmed I/O cycle or DMA cycle depending on the selection of
DMA or Programmed I/O mode.
The following paragraphs detail the operation of the FIFO flow control. In these descriptions, <threshold> ranges from 1
to 16. The parameter FIFOTHR, which the user programs, is one less and ranges from 0 to 15.
A low threshold value (i.e. 2) results in longer periods of time between service requests, but requires faster servicing of
the request for both read and write cases. The host must be very responsive to the service request. This is the desired
case for use with a "fast" system. A high value of threshold (i.e. 12) is used with a "sluggish" system by affording a long
latency period after a service request, but results in more frequent service requests.
DMA TRANSFERS
DMA transfers are always to or from the ecpDFifo, tFifo or CFifo. DMA utilizes the standard PC DMA services. To use
the DMA transfers, the host first sets up the direction and state as in the programmed I/O case. Then it programs the
DMA controller in the host with the desired count and memory address. Lastly it sets dmaEn to 1 and serviceIntr to 0.
The ECP requests DMA transfers from the host by encoding the LDRQ# pin. The DMA will empty or fill the FIFO using
the appropriate direction and mode. When the terminal count in the DMA controller is reached, an interrupt is generated
and serviceIntr is asserted, disabling DMA. In order to prevent possible blocking of refresh requests a DMA cycle shall
not be requested for more than 32 DMA cycles in a row. The FIFO is enabled directly by the host initiating a DMA cycle
for the requested channel, and addresses need not be valid. An interrupt is generated when a TC cycle is received.
(Note: The only way to properly terminate DMA transfers is with a TC cycle.)
DMA may be disabled in the middle of a transfer by first disabling the host DMA controller. Then setting serviceIntr to 1,
followed by setting dmaEn to 0, and waiting for the FIFO to become empty or full. Restarting the DMA is accomplished
by enabling DMA in the host, setting dmaEn to 1, followed by setting serviceIntr to 0.
DMA Mode - Transfers from the FIFO to the Host
(Note: In the reverse mode, the peripheral may not continue to fill the FIFO if it runs out of data to transfer, even if the
chip continues to request more data from the peripheral.)
The ECP requests a DMA cycle whenever there is data in the FIFO. The DMA controller must respond to the request by
reading data from the FIFO. The ECP stops requesting DMA cycles when the FIFO becomes empty or when a TC cycle
is received, indicating that no more data is required. If the ECP stops requesting DMA cycles due to the FIFO going
empty, then a DMA cycle is requested again as soon as there is one byte in the FIFO. If the ECP stops requesting DMA
cycles due to the TC cycle, then a DMA cycle is requested again when there is one byte in the FIFO, and serviceIntr has
been re-enabled.
Programmed I/O Mode or Non-DMA Mode
The ECP or parallel port FIFOs may also be operated using interrupt driven programmed I/O. Software can determine
the writeIntrThreshold, readIntrThreshold, and FIFO depth by accessing the FIFO in Test Mode.
Programmed I/O transfers are to the ecpDFifo at 400H and ecpAFifo at 000H or from the ecpDFifo located at 400H, or
to/from the tFifo at 400H. To use the programmed I/O transfers, the host first sets up the direction and state, sets
dmaEn to 0 and serviceIntr to 0.
The ECP requests programmed I/O transfers from the host by activating the interrupt. The programmed I/O will empty or
fill the FIFO using the appropriate direction and mode.
Note: A threshold of 16 is equivalent to a threshold of 15. These two cases are treated the same.
Programmed I/O - Transfers from the FIFO to the Host
In the reverse direction an interrupt occurs when serviceIntr is 0 and readIntrThreshold bytes are available in the FIFO.
If at this time the FIFO is full it can be emptied completely in a single burst, otherwise readIntrThreshold bytes may be
read from the FIFO in a single burst.
readIntrThreshold =(16-<threshold>) data bytes in FIFO
An interrupt is generated when serviceIntr is 0 and the number of bytes in the FIFO is greater than or equal to (16-
<threshold>). (If the threshold = 12, then the interrupt is set whenever there are 4-16 bytes in the FIFO). The host must
respond to the request by reading data from the FIFO. This process is repeated until the last byte is transferred out of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com