Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC47M14X Datasheet(PDF) 19 Page - SMSC Corporation

Part # LPC47M14X
Description  128 PIN ENGANCED SUPER I/O CONTROLLER WITH AN LPC INTERFACE AND USB HUB
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M14X Datasheet(HTML) 19 Page - SMSC Corporation

Back Button LPC47M14X Datasheet HTML 15Page - SMSC Corporation LPC47M14X Datasheet HTML 16Page - SMSC Corporation LPC47M14X Datasheet HTML 17Page - SMSC Corporation LPC47M14X Datasheet HTML 18Page - SMSC Corporation LPC47M14X Datasheet HTML 19Page - SMSC Corporation LPC47M14X Datasheet HTML 20Page - SMSC Corporation LPC47M14X Datasheet HTML 21Page - SMSC Corporation LPC47M14X Datasheet HTML 22Page - SMSC Corporation LPC47M14X Datasheet HTML 23Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 205 page
background image
SMSC DS – LPC47M14X
Page 19
Rev. 03/19/2001
GP35, GP42, GP53, GP60 and GP61:
Buffers powered by VTR. GP35 and GP53 have IRTX as the alternate function and their output buffers are
powered by VTR so that the pins are always forced low when not used. GP42 is the nIO_PME pin, which is
active under VTR. GP60 and GP61 have LED as the alternate function and the logic is able to control the pin
under VTR.
The IRTX pins (IRTX2/GP35 and GP53/TXD2(IRTX)) are powered by VTR so that they are driven low when VCC =
0V with VTR = 3.3V. These pins will remain low following a VCC POR until serial port 2 is enabled by setting the
activate bit, at which time the pin will reflect the state of the transmit output of the Serial Port 2 block.
The following list summarizes the blocks, registers and pins that are powered by VTR.
USB Hub
PME interface block
PME runtime register block (includes all PME, SMI, GPIO, Fan and other miscellaneous registers)
“Wake on Specific Key” logic
LED control logic
Fan Tachometers
Pins for PME Wakeup:
◊
GP42/nIO_PME (output, buffer powered by VTR)
◊
nRI1 (input)
◊
GP50/nRI2 (input)
◊
GP52/RXD2(IRRX) (input)
◊
KDAT (input)
◊
MDAT (input)
◊
GPIOs (GP10-GP17, GP20-GP22, GP24-GP27, GP30-GP33, GP41, GP43, GP50-GP57, GP60, and
GP61) – all input-only except GP53, GP60, and GP61. See below.
Other Pins
◊
IRTX2/GP35 (output, buffer powered by VTR)
◊
GP53/TXD2(IRTX) (output, buffer powered by VTR)
◊
GP60/LED1 (output, buffer powered by VTR)
◊
GP61/LED2 (output, buffer powered by VTR)
5.8
MAXIMUM CURRENT VALUES
See the “Operational Description” section for the maximum current values.
The maximum VTR current, ITR, is given with all outputs open (not loaded), and all inputs in a fixed state (i.e., 0V or
3.3V). The total maximum current for the part is the unloaded value PLUS the maximum current sourced by all pins
that are driven by VTR. The pins that are powered by VTR are as follows:
GP42/nIO_PME, IRTX2/GP35,
GP53/TXD2(IRTX), GP60/LED1, GP61/LED2, and CLKI32. These pins, if configured as push-pull outputs, will
source a minimum of 6mA at 2.4V when driving.
The maximum VCC current, ICC, is given with all outputs open (not loaded) , and all inputs in a fixed state
(i.e., 0V or 3.3V).
The maximum VREF current, IREF, is given with all outputs open (not loaded) , and all inputs in a fixed state
(i.e., 0V or 3.3V).
5.9
POWER MANAGEMENT EVENTS (PME/SCI)
The LPC47M14x offers support for Power Management Events (PMEs), also referred to as System Control Interrupt
(SCI) events. The terms PME and SCI are used synonymously throughout this document to refer to the indication of
an event to the chipset via the assertion of the nIO_PME output signal on pin 17. See the “PME Support” section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com