Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9929 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9929
Description  SPI CONTROLLED H-BRIDGE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9929 Datasheet(HTML) 1 Page - STMicroelectronics

  L9929 Datasheet HTML 1Page - STMicroelectronics L9929 Datasheet HTML 2Page - STMicroelectronics L9929 Datasheet HTML 3Page - STMicroelectronics L9929 Datasheet HTML 4Page - STMicroelectronics L9929 Datasheet HTML 5Page - STMicroelectronics L9929 Datasheet HTML 6Page - STMicroelectronics L9929 Datasheet HTML 7Page - STMicroelectronics L9929 Datasheet HTML 8Page - STMicroelectronics L9929 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1/23
L9929
May 2005
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
1
Features
OPERATING SUPPLY VOLTAGE 5V TO 28V
TYPICAL RDSon = 150 m
Ω FOR EACH
OUTPUT TRANSISTOR (AT 25°C)
CONTINOUS DC LOAD CURRENT 5A
(Tcase < 100 °C)
OUTPUT CURRENT LIMITATION AT TYP.
8.6A
SHORT CIRCUIT SHUT DOWN FOR OUTPUT
CURRENTS OVER TYP. 10.6A
LOGIC- INPUTS TTL/CMOS-COMPATIBLE
OPERATING-FREQUENCY UP TO 30 kHz
OVER TEMPERATURE PROTECTION
SHORT CIRCUIT PROTECTION
UNDERVOLTAGE DISABLE FUNCTION
DIAGNOSTIC BY SPI OR STATUS-FLAG
(CONFIGURABLE)
ENABLE AND DISABLE INPUT
SO20 POWER PACKAGE
2
Description
The L9929 is an SPI controlled H-Bridge, de-
signed for the control of DC and stepper motors in
safety critical applications and under extreme en-
vironmental conditions.
The H-Bridge is protected against over tempera-
ture and short circuits and has an under voltage
lockout for all the supply voltages "VS" (Main DC
power supply). All malfunctions cause the output
stages to go tristate.
The H-Bridge contains integrated free-wheel di-
odes. In case of free-wheeling condition, the low
side transistor is switched on in parallel of its diode
to reduce the current injected into the substrate.
Switching in parallel is only allowed, if the voltage
level of the according output-stage is below the
ground-level. In this case it must be ensured, that
the upper transistor is switched off.
Figure 2. Block Diagram
IN1
VS
GND
OUT1
OUT2
IN2
DI
EN
DMS
SF/SCK
SS
SI
SO
LOGIC
UNDERVOLTAGE
VS
INTERNAL 5V
SUPPLY
OVERCURRENT
HIGH-SIDE
OVERCURRENT
LOW-SIDE
GATE CONTROL
1
GATE CONTROL
2
OVER
TEMPERATURE
MAXIMUM
CURRENT
LIMITATION
D01AT470A
PRELIMINARY DATA
SPI CONTROLLED H-BRIDGE
Rev. 2
Figure 1. Package
Table 1. Order Codes
Part Number
Package
L9929
PowerSO20
L9929XP
PowerSSO24
PowerSO20
PowerSSO24


Similar Part No. - L9929

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9924 STMICROELECTRONICS-L9924 Datasheet
1Mb / 85P
Automotive vehicle conform truck car alternator regulator IC
07-Feb-2017
L9924L STMICROELECTRONICS-L9924L Datasheet
1Mb / 84P
Automotive vehicle conform truck car alternator regulator IC with LIN
07-Feb-2017
L9924LTR STMICROELECTRONICS-L9924LTR Datasheet
1Mb / 84P
Automotive vehicle conform truck car alternator regulator IC with LIN
07-Feb-2017
L9924TR STMICROELECTRONICS-L9924TR Datasheet
1Mb / 85P
Automotive vehicle conform truck car alternator regulator IC
07-Feb-2017
L9925 STMICROELECTRONICS-L9925 Datasheet
81Kb / 9P
DMOS DUAL FULL BRIDGE DRIVER
Mar-1999
More results

Similar Description - L9929

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9230 STMICROELECTRONICS-L9230 Datasheet
218Kb / 25P
SPI CONTROLLED H-BRIDGE
Mar-2003
logo
Infineon Technologies A...
TLE8209-2SA INFINEON-TLE8209-2SA Datasheet
504Kb / 38P
SPI Programmable H-Bridge
Rev. 1.0, Feb. 2010
logo
STMicroelectronics
L9958XP STMICROELECTRONICS-L9958XP Datasheet
463Kb / 38P
Low RDSON SPI controlled H-Bridge
19-Sep-2013
logo
Infineon Technologies A...
IFX9201SG INFINEON-IFX9201SG_15 Datasheet
1Mb / 27P
6 A H-Bridge with SPI
Rev. 1.1, 2015-02-15
TLE8209-2 INFINEON-TLE8209-2 Datasheet
758Kb / 41P
SPI Programmable H-Bridge
Rev. 1.4, October 2014
TLE9201SG INFINEON-TLE9201SG Datasheet
1Mb / 26P
6 A H-Bridge with SPI
Rev. 1.0, 2014-02-25
TLE8209-2SA INFINEON-TLE8209-2SA_12 Datasheet
703Kb / 38P
SPI Programmable H-Bridge
Rev. 1.2, Dec. 2012
IFX9202ED INFINEON-IFX9202ED Datasheet
1Mb / 28P
Dual 6 A H-Bridge With SPI
Rev. 1.0 2016-12-01
logo
ON Semiconductor
NCV7535 ONSEMI-NCV7535 Datasheet
305Kb / 21P
SPI Controlled H-bridge and Dual-Half Bridge Pre-Driver
February, 2018 ??Rev. 1
logo
STMicroelectronics
L9958 STMICROELECTRONICS-L9958 Datasheet
766Kb / 38P
Low RDSON SPI controlled H-Bridge
05-Dec-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com