Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9929 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L9929
Description  SPI CONTROLLED H-BRIDGE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9929 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L9929 Datasheet HTML 6Page - STMicroelectronics L9929 Datasheet HTML 7Page - STMicroelectronics L9929 Datasheet HTML 8Page - STMicroelectronics L9929 Datasheet HTML 9Page - STMicroelectronics L9929 Datasheet HTML 10Page - STMicroelectronics L9929 Datasheet HTML 11Page - STMicroelectronics L9929 Datasheet HTML 12Page - STMicroelectronics L9929 Datasheet HTML 13Page - STMicroelectronics L9929 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
L9929
10/23
1.)
In case of undervoltage tristate and status-flag are reset automatically.
2.)
Whenever overcurrent or overtemperature is detected, the fault is stored (i.e. status-flag remains low).
The tristate conditions and the status-flag 3) are reset via DI or EN.
L = Low
H = High
X = High or Low
Z = High impedance
(all output stage transistors are switched off in static state. For more inform. see next page )
Overcurrent:
IOUT1,2
>10.6 A
Overtemperature:
Tj
>175°C
Undervoltage:
VVs-GND
<4.5V
(at least down to 2.5V)
3.)
If Mode „Status-Flag“ is selected (see chapter "Diagnostic / Status-Flag")
4.)
If Mode „SPI-Diagnosis is selected (see chapter "Diagnostic / SPI-Interface")
Description of the state „Z“
The state „Z“ has, depending on the previous operating condition different meaning.
1. dynamical
I. e. the inductive load is current carrying and is switched off according to Pos. 5, 6, 9, 10, 11, 12, 13, or
14 of the truth table
a.) All output stage transistors are switched off.
b.) The current flow is continued via the free wheeling diodes.
c.) Free wheeling is detected by a negative voltage-level at OUn.
d.) Switch on of the parallel-transistor of the current carrying diode.
f.) Free wheeling is finshed, if the voltage-level on OUn is positive again.
2. statical
g.) all output-stages switched off.
Figure 11.
CURRENT
CARRYNG
IVS
-IGND
VS-
VS-VDS
-VS
ILOAD
VOUn
FREE WHEELING
HIGH IMPEDANCE
D01AT478
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com