Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESDXU1UT Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PESDXU1UT
Description  Ultra low capacitance ESD protection diode in SOT23 package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESDXU1UT Datasheet(HTML) 4 Page - NXP Semiconductors

  PESDXU1UT Datasheet HTML 1Page - NXP Semiconductors PESDXU1UT Datasheet HTML 2Page - NXP Semiconductors PESDXU1UT Datasheet HTML 3Page - NXP Semiconductors PESDXU1UT Datasheet HTML 4Page - NXP Semiconductors PESDXU1UT Datasheet HTML 5Page - NXP Semiconductors PESDXU1UT Datasheet HTML 6Page - NXP Semiconductors PESDXU1UT Datasheet HTML 7Page - NXP Semiconductors PESDXU1UT Datasheet HTML 8Page - NXP Semiconductors PESDXU1UT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
9397 750 14912
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 11 May 2005
4 of 13
Philips Semiconductors
PESDxU1UT series
Ultra low capacitance ESD protection diode in SOT23 package
[1]
Device stressed with ten non-repetitive ESD pulses.
[2]
Measured from pin 1 to 2
Table 6:
ESD maximum ratings
Symbol
Parameter
Conditions
Min
Max
Unit
VESD
electrostatic discharge voltage
IEC 61000-4-2
(contact discharge)
[1] [2]
PESD3V3U1UT
-
30
kV
PESD5V0U1UT
-
30
kV
PESD12VU1UT
-
30
kV
PESD15VU1UT
-
30
kV
PESD24VU1UT
-
23
kV
PESDxU1UT
HBM MIL-STD-883
-
10
kV
Table 7:
ESD standards compliance
Standard
Conditions
IEC 61000-4-2; level 4 (ESD)
> 15 kV (air); > 8 kV (contact)
HBM MIL-STD-883; class 3
> 4 kV
Fig 1.
8/20
µs pulse waveform according to
IEC 61000-4-5
Fig 2.
ESD pulse waveform according to
IEC 61000-4-2
t (
µs)
040
30
10
20
001aaa630
40
80
120
IPP
(%)
0
e−t
100 % IPP; 8 µs
50 % IPP; 20 µs
001aaa631
IPP
100 %
90 %
t
30 ns
60 ns
10 %
tr = 0.7 ns to 1 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com