Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESDXU1UT Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PESDXU1UT
Description  Ultra low capacitance ESD protection diode in SOT23 package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESDXU1UT Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PESDXU1UT Datasheet HTML 3Page - NXP Semiconductors PESDXU1UT Datasheet HTML 4Page - NXP Semiconductors PESDXU1UT Datasheet HTML 5Page - NXP Semiconductors PESDXU1UT Datasheet HTML 6Page - NXP Semiconductors PESDXU1UT Datasheet HTML 7Page - NXP Semiconductors PESDXU1UT Datasheet HTML 8Page - NXP Semiconductors PESDXU1UT Datasheet HTML 9Page - NXP Semiconductors PESDXU1UT Datasheet HTML 10Page - NXP Semiconductors PESDXU1UT Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
9397 750 14912
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 11 May 2005
7 of 13
Philips Semiconductors
PESDxU1UT series
Ultra low capacitance ESD protection diode in SOT23 package
7.
Application information
The PESDxU1UT series is designed for protection of high-speed datalines from damage
caused by ESD and surge pulses. PESDxU1UT devices combine an ESD protection
diode and an ultra low capacitance compensation diode to ensure an effective device
capacitance as low as 0.6 pF. The PESDxU1UT series provides a surge capability of up to
200 W per line for an 8/20
µs waveform.
Two PESDxU1UT devices in anti-parallel configuration provide ESD protection in a
common-mode application.
The two PESDxU1UT devices should be connected as follows:
protected data line is connected to
device 1 / pin 2
device 2 / pin 1
Ground is connected to
device 1 / pin 1
device 2 / pin 2
pin 3 is not connected for both devices
Fig 5.
Bi-directional ESD protection of one line, common mode
Two PESDxU1UT devices in anti-parallel configuration provide ESD protection in a
differential-mode configuration as e.g. for Ethernet applications.
The two PESDxU1UT should be connected as follows:
I/O line 1 is connected to
device 1 / pin 2
device 2 / pin 1
I/O line 2 is connected to
device 1 / pin 1
device 2 / pin 2
pin 3 is not connected for both devices
Fig 6.
Differential mode Ethernet protection
006aaa443
3
n.c.
n.c.
3
1
protected data line
ground
PESDxU1UT
PESDxU1UT
2
1
2
ETHERNET
TRANSCEIVER
006aaa444
3
n.c.
n.c.
I/O 1
I/O 2
3
1
PESDxU1UT
PESDxU1UT
2
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com