| Electronic Components Datasheet Search |
|
DMN-8652 Datasheet(PDF) 2 Page - LSI Computer Systems |
|
|
|||||||||||||||||||||||||||||
DMN-8652 Datasheet(HTML) 2 Page - LSI Computer Systems |
|
2 / 4 page ![]() LSI Logic DiMeNsion™ 8652 HDD/DVD Recorder Processor C A P A B I L I T I E S For HDD and DVD video recording applications, the DMN-8602 supports video compression in compliance with the MPEG-1, MPEG-2, and DV-25 specifications, and video decompression in compliance with the MPEG-1, MPEG-2, DV-25, and MPEG-4 specifications. It also transcodes between DV-25 and MPEG-2. The product supports corresponding audio compression and decompression in compliance with the Dolby Digital CE and MPEG-1 layer 2 specifications. For audio recording applications, the DMN-8652 supports transcod- ing between CD-DA or WMA audio formats. For playback applications, the product supports the playback of DVD-Video disks with Dolby Digital 5.1, MPEG-1 layer 2 and DTS audio encoding, and VCD and SVCD disks. For audio playback applications, the product supports the decoding of DVD-Audio disks (MLP), Windows Media Audio (WMA) and CD-DA formats. The DMN-8602 also performs all audio post-processing tasks such as 3D audio effects (Phantom™ Surround) and bass management functions. The DMN-8652 is capable of a high degree of concurrency. Examples of this are DVD playback with background record to hard disk; time-shift (simultaneous record and delayed play back of the same program) on hard disk; DV camcorder to DVD archive with simultaneous display; copy a program from hard disk to DVD with background record of another program to hard disk; and archive from hard disk to DVD at high compression. S Y S T E M D E S I G N The high level of integration of the DMN-8652 drastically reduces system compo- nent count, and consequently system cost. Figure 2 shows a block diagram of an advanced HDD/DVD recorder based on DMN-8652. RF Tuner Audio DACs ROM/Flash IEC958 Audio Out Video Out USB IEEE1394 SDRAM 1394 PHY NTSC/PAL Decoder Audio ADC Audio In Video In DVD-Record Drive HDD VFD with Front Panel Controller Figure 2: DMN-8652 DVD/HDD Recorder System D E V I C E F E A T U R E S • Dual 150 MIPS RISC architecture with integrated audio DSP • Flexible video DSP and motion estimation processors • Integrated TV encoder and video DACs • 2 storage device interface control- lers for IDE/ATAPI devices • High-performance memory control- ler for support of up to 256 MB of external SDR/DDR SDRAM • Integrated USB controller • Second generation DV codec • IEEE1394 link layer with 5C con- tent protection and AV/C protocol support • 2D graphics engine (native 24-bit RGB with 8-bit alpha) with DVD sub-picture decode • Serial I/O interface controller for infrared port, general-purpose serial I/O, etc. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |