Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN-8652 Datasheet(PDF) 3 Page - LSI Computer Systems

Part # DMN-8652
Description  LSI Logic DiMeNsion 8652 HDD/DVD Recorder Processor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

DMN-8652 Datasheet(HTML) 3 Page - LSI Computer Systems

  DMN-8652 Datasheet HTML 1Page - LSI Computer Systems DMN-8652 Datasheet HTML 2Page - LSI Computer Systems DMN-8652 Datasheet HTML 3Page - LSI Computer Systems DMN-8652 Datasheet HTML 4Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
In addition to including a CPU, graphics engine, and complete audio and video
systems, the DMN-8652 integrates an NTSC/PAL TV encoder, a second-generation DV
codec, a Unified Memory Architecture and a USB controller. The USB controller allows for
connectivity with flash memory cards and digital still cameras. In addition, the DMN-8652
has two dedicated ATAPI controllers that support the DVD recorder and hard disk drives.
There is built-in support for progressive video output. This high level of integration makes
DMN-8652 one of the most comprehensive and cost-competitive HDD/DVD recordable
solutions in the market today.
A R C H I T E C T U R E
The DoMiNo architecture – the foundation of the DMN-8652 product features
– represents the optimal balance between hardware and software. Repetitively executed,
computationally complex pixel processing tasks are accelerated in hardware execution
units. Higher-level data processing is performed on standard RISC processors, per-mitting
substantial product flexibility and use of industry-standard development tools.
The DMN-8652 is compatible with the LSI Logic C-Ware™ architecture, which
provides a standardized API that is reusable across LSI Logic DoMiNo-based consumer
digital video products, fully preserving software investment. C-Ware is inte-grated with the
Wind River Systems® VxWorks RTOS and is supported by an industry-leading software
development tool-chain.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com