Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AXP1G02GS Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # 74AXP1G02GS
Description  Low-power 2-input NOR gate
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AXP1G02GS Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  74AXP1G02GS Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74AXP1G02GS Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74AXP1G02GS Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74AXP1G02GS Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74AXP1G02GS Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AXP1G02GS Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AXP1G02GS Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AXP1G02GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AXP1G02GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
© Nexperia B.V. 2017. All rights reserved
74AXP1G02
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 1 — 25 August 2014
4 of 17
Nexperia
74AXP1G02
Low-power 2-input NOR gate
8.
Limiting values
[1]
The minimum input and output voltage ratings may be exceeded if the input and output current ratings are observed.
9.
Recommended operating conditions
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.5
+3.3
V
IIK
input clamping current
VI <0V
50
-
mA
VI
input voltage
[1]
0.5
+3.3
V
IOK
output clamping current
VO <0V
50
-
mA
VO
output voltage
[1]
0.5
+3.3
V
IO
output current
VO =0 VtoVCC
-
20
mA
ICC
supply current
-
50
mA
IGND
ground current
50
-
mA
Tstg
storage temperature
65
+150
C
Ptot
total power dissipation
Tamb = 40 C to +85 C-
250
mW
Table 6.
Operating conditions
Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.7
2.75
V
VI
input voltage
0
2.75
V
VO
output voltage
Active mode
0
VCC
V
Power-down mode; VCC = 0 V
0
2.75
V
Tamb
ambient temperature
40
+85
C
t/V
input transition rise and fall rate
VCC = 0.7 V to 2.75 V
0
200
ns/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com