Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AXP1G02GS Datasheet(PDF) 6 Page - Nexperia B.V. All rights reserved

Part # 74AXP1G02GS
Description  Low-power 2-input NOR gate
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AXP1G02GS Datasheet(HTML) 6 Page - Nexperia B.V. All rights reserved

Back Button 74AXP1G02GS Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74AXP1G02GS Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74AXP1G02GS Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74AXP1G02GS Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AXP1G02GS Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AXP1G02GS Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AXP1G02GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AXP1G02GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74AXP1G02GS Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
© Nexperia B.V. 2017. All rights reserved
74AXP1G02
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 1 — 25 August 2014
6 of 17
Nexperia
74AXP1G02
Low-power 2-input NOR gate
11. Dynamic characteristics
[1]
All typical values are measured at nominal VCC.
[2]
tpd is the same as tPLH and tPHL.
[3]
For additional propagation delay values at different load capacitances, see Figure 7 to Figure 11.
[4]
tt is the same as tTHL and tTLH.
[5]
CPD is used to determine the dynamic power dissipation (PD in W).
PD =CPD  VCC2  fi  N+CL  VCC2  fo where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching.
Table 8.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit, see Figure 12.
Symbol Parameter
Conditions
Tamb = 25 C
Tamb = 40 C to +85 C
Unit
Min
Typ[1]
Max
Min
Max
tpd
propagation
delay
A, B to Y; see Figure 6
[2][3]
VCC = 0.75 V to 0.85 V
2
11
32
1
98
ns
VCC = 1.1 V to 1.3 V
1.9
4.3
6.7
1.7
7.0
ns
VCC = 1.4 V to 1.6 V
1.5
3.3
5.1
1.3
5.3
ns
VCC = 1.65 V to 1.95 V
1.3
2.6
3.8
1.1
4.0
ns
VCC = 2.3 V to 2.7 V
1.1
2.0
2.8
0.9
3.0
ns
tt
transition time
VCC = 2.7 V; see Figure 6
[4]
-
-
-
1.0
-
ns
CI
input capacitance VI = 0 V or VCC;
VCC =0Vto2.75V
-0.5
-
-
-
pF
CO
output
capacitance
VO = 0 V; VCC =0V
-
1.0
-
-
-
pF
CPD
power dissipation
capacitance
fi = 1 MHz; VI =0 Vto VCC
[5]
VCC = 0.75 V to 0.85 V
-
2.4
-
-
-
pF
VCC = 1.1 V to 1.3 V
-
2.4
-
-
-
pF
VCC = 1.4 V to 1.6 V
-
2.5
-
-
-
pF
VCC = 1.65 V to 1.95 V
-
2.5
-
-
-
pF
VCC = 2.3 V to 2.7 V
-
2.8
-
-
-
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com