Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC30AD Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # 74LVC30AD
Description  8-input NAND gate
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC30AD Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  74LVC30AD Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC30AD Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC30AD Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC30AD Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC30AD Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC30AD Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC30AD Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC30AD Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC30AD Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Nexperia
74LVC30A
8-input NAND gate
5. Pinning information
5.1. Pinning
74LVC30
A
VCC
B
n.c.
C
H
D
G
E
n.c.
F
n.c.
GND
Y
aaa-013464
1
2
3
4
5
6
7
8
10
9
12
11
14
13
Fig. 4. Pin configuration SO14 and TSSOP14
aaa-013466
74LVC30A
GND(1)
Transparent top view
F
n.c.
E
n.c.
D
G
C
H
B
n.c.
6
9
5
10
4
11
3
12
2
13
terminal 1
index area
(1) This is not a supply pin. The substrate is
attached to this pad using conductive die attach
material. There is no electrical or mechanical
requirement to solder this pad.However, if it is
soldered, the solder land should remain floating or
be connected to GND.
Fig. 5. Pin configuration for DHVQFN14
5.2. Pin description
Table 2. Pin description
Symbol
Pin
Description
A, B, C, D, E, F, G, H
1, 2, 3, 4, 5, 6, 11, 12
data input
GND
7
ground (0 V)
Y
8
data output
n.c.
9, 10, 13
not connected
VCC
14
supply voltage
74LVC30A
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2019. All rights reserved
Product data sheet
Rev. 2 — 15 March 2019
3 / 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com