Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBZ10VAL Datasheet(PDF) 12 Page - Nexperia B.V. All rights reserved

Part # MMBZ10VAL
Description  Low capacitance unidirectional double ESD protection diodes
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

MMBZ10VAL Datasheet(HTML) 12 Page - Nexperia B.V. All rights reserved

Back Button MMBZ10VAL Datasheet HTML 8Page - Nexperia B.V. All rights reserved MMBZ10VAL Datasheet HTML 9Page - Nexperia B.V. All rights reserved MMBZ10VAL Datasheet HTML 10Page - Nexperia B.V. All rights reserved MMBZ10VAL Datasheet HTML 11Page - Nexperia B.V. All rights reserved MMBZ10VAL Datasheet HTML 12Page - Nexperia B.V. All rights reserved MMBZ10VAL Datasheet HTML 13Page - Nexperia B.V. All rights reserved MMBZ10VAL Datasheet HTML 14Page - Nexperia B.V. All rights reserved MMBZ10VAL Datasheet HTML 15Page - Nexperia B.V. All rights reserved MMBZ10VAL Datasheet HTML 16Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
MMBZXAL_SER_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 10 December 2009
11 of 17
NXP Semiconductors
MMBZxAL series
Low capacitance unidirectional double ESD protection diodes
(1) MMBZ5V6AL: VRWM =3 V
(2) MMBZ6V8AL: VRWM =4.5 V
(3) MMBZ9V1AL: VRWM =6 V
(4) MMBZ27VAL: VRWM =22V
Fig 7.
Reverse leakage current as a function of ambient temperature; typical values
Fig 8.
V-I characteristics for a unidirectional
ESD protection diode
Fig 9.
V-I characteristics for a bidirectional
ESD protection diode
006aab841
IRM
(nA)
10−1
10−3
10−2
102
10
1
103
10−4
Tamb (°C)
−75
175
75
125
−25
25
(2)
(1)
(3)
(4)
006aab324
−VCL −VBR −VRWM
−IRM
−IR
−IPP
V
I
P-N
−
+
−IPPM
006aab325
−VCL −VBR −VRWM
VCL
VBR
VRWM
−IRM
IRM
−IR
IR
−IPP
IPP
−
+
IPPM
−IPPM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com