Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBZ10VAL Datasheet(PDF) 14 Page - Nexperia B.V. All rights reserved

Part # MMBZ10VAL
Description  Low capacitance unidirectional double ESD protection diodes
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

MMBZ10VAL Datasheet(HTML) 14 Page - Nexperia B.V. All rights reserved

Back Button MMBZ10VAL Datasheet HTML 10Page - Nexperia B.V. All rights reserved MMBZ10VAL Datasheet HTML 11Page - Nexperia B.V. All rights reserved MMBZ10VAL Datasheet HTML 12Page - Nexperia B.V. All rights reserved MMBZ10VAL Datasheet HTML 13Page - Nexperia B.V. All rights reserved MMBZ10VAL Datasheet HTML 14Page - Nexperia B.V. All rights reserved MMBZ10VAL Datasheet HTML 15Page - Nexperia B.V. All rights reserved MMBZ10VAL Datasheet HTML 16Page - Nexperia B.V. All rights reserved MMBZ10VAL Datasheet HTML 17Page - Nexperia B.V. All rights reserved MMBZ10VAL Datasheet HTML 18Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
MMBZXAL_SER_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 10 December 2009
13 of 17
NXP Semiconductors
MMBZxAL series
Low capacitance unidirectional double ESD protection diodes
10. Package outline
11. Packing information
[1]
For further information and the availability of packing methods, see Section 15.
Fig 11. Package outline SOT23 (TO-236AB)
04-11-04
Dimensions in mm
0.45
0.15
1.9
1.1
0.9
3.0
2.8
2.5
2.1
1.4
1.2
0.48
0.38
0.15
0.09
12
3
Table 11.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type number
Package
Description
Packing quantity
3000
10000
MMBZ5V6AL
SOT23
4 mm pitch, 8 mm tape and reel
-215
-235
MMBZ6V2AL
MMBZ6V8AL
MMBZ9V1AL
MMBZ10VAL
MMBZ12VAL
MMBZ15VAL
MMBZ18VAL
MMBZ20VAL
MMBZ27VAL
MMBZ33VAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com