Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC856BMB Datasheet(PDF) 8 Page - Nexperia B.V. All rights reserved

Part # BC856BMB
Description  60 V, 100 mA PNP general-purpose transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BC856BMB Datasheet(HTML) 8 Page - Nexperia B.V. All rights reserved

Back Button BC856BMB Datasheet HTML 4Page - Nexperia B.V. All rights reserved BC856BMB Datasheet HTML 5Page - Nexperia B.V. All rights reserved BC856BMB Datasheet HTML 6Page - Nexperia B.V. All rights reserved BC856BMB Datasheet HTML 7Page - Nexperia B.V. All rights reserved BC856BMB Datasheet HTML 8Page - Nexperia B.V. All rights reserved BC856BMB Datasheet HTML 9Page - Nexperia B.V. All rights reserved BC856BMB Datasheet HTML 10Page - Nexperia B.V. All rights reserved BC856BMB Datasheet HTML 11Page - Nexperia B.V. All rights reserved BC856BMB Datasheet HTML 12Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
© Nexperia B.V. 2017. All rights reserved
Nexperia
BC856BMB
60 V, 100 mA PNP general-purpose transistor
BC856BMB
All information provided in this document is subject to legal disclaimers.
Product data sheet
19 August 2015
8 / 12
13. Soldering
1.3
0.3
0.6
0.7
0.4
0.9
0.3
(2x)
0.4
(2x)
0.25
(2x)
R0.05 (8x)
0.7
Footprint information for reflow soldering
SOT883B
sot883b_fr
occupied area
solder land
solder resist
solder land plus solder paste
solder paste deposit
Dimensions in mm
Fig. 9. Reflow soldering footprint for DFN1006B-3 (SOT883B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com