Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC856BMB Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # BC856BMB
Description  60 V, 100 mA PNP general-purpose transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BC856BMB Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  BC856BMB Datasheet HTML 1Page - Nexperia B.V. All rights reserved BC856BMB Datasheet HTML 2Page - Nexperia B.V. All rights reserved BC856BMB Datasheet HTML 3Page - Nexperia B.V. All rights reserved BC856BMB Datasheet HTML 4Page - Nexperia B.V. All rights reserved BC856BMB Datasheet HTML 5Page - Nexperia B.V. All rights reserved BC856BMB Datasheet HTML 6Page - Nexperia B.V. All rights reserved BC856BMB Datasheet HTML 7Page - Nexperia B.V. All rights reserved BC856BMB Datasheet HTML 8Page - Nexperia B.V. All rights reserved BC856BMB Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
BC856BMB
60 V, 100 mA PNP general-purpose transistor
19 August 2015
Product data sheet
1. General description
PNP general-purpose transistor in a leadless ultra small DFN1006B-3 (SOT883B)
Surface-Mounted Device (SMD) plastic package.
NPN complement: BC846BMB.
2. Features and benefits
• Leadless ultra small SMD plastic package
• Low package height of 0.37 mm
• Power dissipation comparable to SOT23
• AEC-Q101 qualified
3. Applications
• General-purpose switching and amplification
• Mobile applications
4. Quick reference data
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCEO
collector-emitter
voltage
open base
-
-
-60
V
IC
collector current
-
-
-100
mA
hFE
DC current gain
VCE = -5 V; IC = -2 mA; Tamb = 25 °C
220
-
475
5. Pinning information
Table 2.
Pinning information
Pin
Symbol Description
Simplified outline
Graphic symbol
1
B
base
2
E
emitter
3
C
collector
3
1
2
Transparent
top view
DFN1006B-3 (SOT883B)
sym013
3
2
1


Similar Part No. - BC856BMB

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BC856BM MCC-BC856BM Datasheet
523Kb / 4P
PNP Plastic-Encapsulate Transistors
logo
Nexperia B.V. All right...
BC856BM NEXPERIA-BC856BM Datasheet
664Kb / 12P
60 V, 100 mA PNP general-purpose transistor
logo
ON Semiconductor
BC856BM3 ONSEMI-BC856BM3 Datasheet
101Kb / 4P
General Purpose Transistor
September, 2013 ??Rev. 2
BC856BM3T5G ONSEMI-BC856BM3T5G Datasheet
61Kb / 4P
General Purpose Transistor PNP Silicon
March, 2006 ??Rev. 1
BC856BM3T5G ONSEMI-BC856BM3T5G Datasheet
101Kb / 4P
General Purpose Transistor
September, 2013 ??Rev. 2
More results

Similar Description - BC856BMB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2PB709ART NXP-2PB709ART Datasheet
100Kb / 10P
45 V, 100 mA PNP general-purpose transistor
Rev. 01-19 March 2007
BC856BS NXP-BC856BS Datasheet
100Kb / 12P
65 V, 100 mA PNP/PNP general-purpose transistor
Rev. 01-11 August 2009
BC856S NXP-BC856S Datasheet
94Kb / 12P
65 V, 100 mA PNP/PNP general-purpose transistor
Rev. 02-19 February 2009
BC857QAS PHILIPS-BC857QAS_15 Datasheet
215Kb / 13P
45 V, 100 mA PNP/PNP general-purpose transistor
8 July 2015
logo
Nexperia B.V. All right...
BC856BM NEXPERIA-BC856BM Datasheet
664Kb / 12P
60 V, 100 mA PNP general-purpose transistor
BC857QAS NEXPERIA-BC857QAS Datasheet
688Kb / 13P
45 V, 100 mA PNP/PNP general-purpose transistor
BC856BS NEXPERIA-BC856BS Datasheet
1Mb / 12P
65 V, 100 mA PNP/PNP general-purpose transistor
Rev. 01 - 11 August 2009
BC856S-Q NEXPERIA-BC856S-Q Datasheet
244Kb / 11P
65 V, 100 mA PNP/PNP general-purpose transistor
17 June 2021
BC856S NEXPERIA-BC856S Datasheet
241Kb / 11P
65 V, 100 mA PNP/PNP general-purpose transistor
1 July 2022
BC857XQC-Q_SER NEXPERIA-BC857XQC-Q_SER Datasheet
248Kb / 13P
45 V, 100 mA PNP general-purpose transistor
Rev. 1 - 27 October 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com