Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7MDT20JEMU3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST7MDT20JEMU3
Description  8-BIT MCU WITH 8K FLASH/ROM, ADC, 4 TIMERS, SPI, SCI INTERFACE
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MDT20JEMU3 Datasheet(HTML) 1 Page - STMicroelectronics

  ST7MDT20JEMU3 Datasheet HTML 1Page - STMicroelectronics ST7MDT20JEMU3 Datasheet HTML 2Page - STMicroelectronics ST7MDT20JEMU3 Datasheet HTML 3Page - STMicroelectronics ST7MDT20JEMU3 Datasheet HTML 4Page - STMicroelectronics ST7MDT20JEMU3 Datasheet HTML 5Page - STMicroelectronics ST7MDT20JEMU3 Datasheet HTML 6Page - STMicroelectronics ST7MDT20JEMU3 Datasheet HTML 7Page - STMicroelectronics ST7MDT20JEMU3 Datasheet HTML 8Page - STMicroelectronics ST7MDT20JEMU3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 154 page
background image
April 2005
1/154
Rev. 1
ST7232A
8-BIT MCU WITH 8K FLASH/ROM,
ADC, 4 TIMERS, SPI, SCI INTERFACE
■ Memories
– 8K dual voltage High Density Flash (HDFlash)
or ROM with read-out protection capability. In-
Application Programming and In-Circuit Pro-
gramming for HDFlash devices
– 384 bytes RAM
– HDFlash endurance: 100 cycles, data reten-
tion: 20 years at 55°C
■ Clock, Reset And Supply Management
– Clock sources: crystal/ceramic resonator os-
cillators and bypass for external clock
– PLL for 2x frequency multiplication
– Four Power Saving Modes: Halt, Active-Halt,
Wait and Slow
■ Interrupt Management
– Nested interrupt controller
– 14 interrupt vectors plus TRAP and RESET
– 6 external interrupt lines (on 4 vectors)
■ Up to 32 I/O Ports
– 24 multifunctional bidirectional I/O lines
– 17 alternate function lines
– 10 high sink outputs
■ 4Timers
– Main Clock Controller with: Real time base,
Beep and Clock-out capabilities
– Configurable watchdog timer
– two 16-bit Timers with: 2 input captures, 2 out-
putcompares, PWM and pulse generator
modes
■ 2 Communications Interfaces
– SPI synchronous serial interface
– SCI asynchronous serial interface
■ 1 Analog peripheral (low current coupling)
– 10-bit ADC with up to 12 robust input ports
■ Instruction Set
– 8-bit Data Manipulation
– 63 Basic Instructions
– 17 main Addressing Modes
– 8 x 8 Unsigned Multiply Instruction
■ Development Tools
– Full hardware/software development package
– In-Circuit Testing capability
Device Summary
TQFP32
7 x 7
SDIP32
400mil
Features
ST72F32AK2
ST7232AK1
ST7232AK2
Program memory - bytes
FLASH 8K
ROM 4K
ROM 8K
RAM (stack) - bytes
384 (256)
Operating Voltage
3.8V to 5.5V
Temp. Range
up to -40°C to +85°C
Package
TQFP32 7x7 , SDIP32 400mils
1


Similar Part No. - ST7MDT20JEMU3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7MDT20 STMICROELECTRONICS-ST7MDT20 Datasheet
143Kb / 3P
TQFP64 (14x14) Connection Kit for ST7MDT20-DVP3
10-Oct-2005
ST7MDT20-T32 STMICROELECTRONICS-ST7MDT20-T32 Datasheet
148Kb / 3P
TQFP32 (7x7) Connection Kit for ST7MDT20-DVP3
10-Oct-2005
ST7MDT20-T32/DVP STMICROELECTRONICS-ST7MDT20-T32/DVP Datasheet
148Kb / 3P
TQFP32 (7x7) Connection Kit for ST7MDT20-DVP3
10-Oct-2005
ST7MDT20-T44 STMICROELECTRONICS-ST7MDT20-T44 Datasheet
138Kb / 3P
TQFP44 (10x10) Connection Kit for ST7MDT20-DVP3
10-Oct-2005
ST7MDT20-T64 STMICROELECTRONICS-ST7MDT20-T64 Datasheet
143Kb / 3P
TQFP64 (14x14) Connection Kit for ST7MDT20-DVP3
10-Oct-2005
More results

Similar Description - ST7MDT20JEMU3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72324 STMICROELECTRONICS-ST72324 Datasheet
2Mb / 161P
8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
Rev. 1.9
ST72F324LJ2T STMICROELECTRONICS-ST72F324LJ2T Datasheet
1Mb / 151P
3V RANGE 8-BIT MCU WITH 8 TO 32K FLASH/ROM, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
01-Feb-2004
ST72F324J STMICROELECTRONICS-ST72F324J Datasheet
1Mb / 156P
8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
Rev. 1.6
ST72325 STMICROELECTRONICS-ST72325 Datasheet
1Mb / 193P
8-BIT MCU WITH 16 TO 60K FLASH/ROM, ADC, CSS, FIVE TIMERS, SPI, SCI, I2C INTERFACE
26-Sep-2005
ST72324B STMICROELECTRONICS-ST72324B Datasheet
1Mb / 167P
5V RANGE 8-BIT MCU WITH 8 TO 32K FLASH/ROM, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
06-Feb-2006
ST72324LXX STMICROELECTRONICS-ST72324LXX Datasheet
3Mb / 154P
3V range 8-bit MCU with 8 to 32K Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI interface
12-Sep-2007
ST7232A_0512 STMICROELECTRONICS-ST7232A_0512 Datasheet
1Mb / 157P
8-BIT MICROCONTROLLER WITH 8K FLASH/ROM, ADC, 4 TIMERS, SPI, SCI INTERFACE
Dec-2005
ST72325 STMICROELECTRONICS-ST72325_07 Datasheet
3Mb / 196P
8-bit MCU with 16 to 60K Flash/ROM, ADC, CSS, 5 timers, SPI, SCI, I2C interface
04-Apr-2007
ST72325XX STMICROELECTRONICS-ST72325XX Datasheet
3Mb / 197P
8-bit MCU with 16 to 60K Flash/ROM, ADC, CSS, 5 timers, SPI, SCI, I2C interface
07-Oct-2008
ST72F32AJ2T6 STMICROELECTRONICS-ST72F32AJ2T6 Datasheet
1Mb / 157P
8-BIT MICROCONTROLLER WITH 8K FLASH/ROM, ADC, 4 TIMERS, SPI, SCI INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com