Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7MDT20JEMU3 Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST7MDT20JEMU3
Description  8-BIT MCU WITH 8K FLASH/ROM, ADC, 4 TIMERS, SPI, SCI INTERFACE
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MDT20JEMU3 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST7MDT20JEMU3 Datasheet HTML 6Page - STMicroelectronics ST7MDT20JEMU3 Datasheet HTML 7Page - STMicroelectronics ST7MDT20JEMU3 Datasheet HTML 8Page - STMicroelectronics ST7MDT20JEMU3 Datasheet HTML 9Page - STMicroelectronics ST7MDT20JEMU3 Datasheet HTML 10Page - STMicroelectronics ST7MDT20JEMU3 Datasheet HTML 11Page - STMicroelectronics ST7MDT20JEMU3 Datasheet HTML 12Page - STMicroelectronics ST7MDT20JEMU3 Datasheet HTML 13Page - STMicroelectronics ST7MDT20JEMU3 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 154 page
background image
ST7232A
10/154
Notes:
1. In the interrupt input column, “eiX” defines the associated external interrupt vector. If the weak pull-up
column (wpu) is merged with the interrupt column (int), then the I/O configuration is pull-up interrupt input,
else the configuration is floating interrupt input.
2. In the open drain output column, “T” defines a true open drain I/O (P-Buffer and protection diode to VDD
are not implemented). See See “I/O PORTS” on page 40. and Section 12.8 I/O PORT PIN CHARACTER-
ISTICS for more details.
3. OSC1 and OSC2 pins connect a crystal/ceramic resonator, or an external source to the on-chip oscil-
lator; see Section 1 INTRODUCTION and Section 12.5 CLOCK AND TIMING CHARACTERISTICS for
more details.
4. On the chip, each I/O port has 8 pads. Pads that are not bonded to external pins are in input pull-up con-
figuration after reset. The configuration of these pads must be kept at reset state to avoid added current
consumption.
5. For details refer to Section 12.8.1 on page 126
15 18 PC7/SS/AIN15
I/O CT
X
XX
X
X
Port C7
SPI Slave
Select (ac-
tive low)
ADC Analog
Input 15
16 19 PA3 (HS)
I/O CT HS
X
ei0
X
X
Port A3
17 20 PA4 (HS)
I/O CT HS
X
XX
X
Port A4
18 21 PA6 (HS)
I/O CT HS
X
TPort A6 1)
19 22 PA7 (HS)
I/O CT HS
X
TPort A7 1)
20 23 VPP /ICCSEL
I
Must be tied low. In the flash pro-
gramming mode, this pin acts as the
programming voltage input VPP. See
Section 12.9.2 for more details. High
voltage must not be applied to ROM
devices.
21 24 RESET
I/O CT
Top priority non maskable interrupt.
22 25 VSS_2
S
Digital Ground Voltage
23 26 OSC2
O
Resonator oscillator inverter output
24 27 OSC1
I
External clock input or Resonator os-
cillator inverter input
25 28 VDD_2
S
Digital Main Supply Voltage
26 29 PE0/TDO
I/O CT
X
X
X
X
Port E0
SCI Transmit Data Out
27 30 PE1/RDI
I/O CT
X
X
X
X
Port E1
SCI Receive Data In
28 31 PB0
I/O CT
X
ei2
X
X
Port B0
Caution: Negative cur-
rent injection not al-
lowed on this pin5)
29 32 PB3
I/O CT
X
ei2
X
X
Port B3
30 1
PB4 (HS)
I/O CT HS
X
ei3
X
X
Port B4
31 2
PD0/AIN0
I/O CT
X
X
X
X
X
Port D0
ADC Analog Input 0
32 3
PD1/AIN1
I/O CT
X
X
X
X
X
Port D1
ADC Analog Input 1
Pin N°
Pin Name
Level
Port
Main
function
(after
reset)
Alternate Function
Input
Output
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com