Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMEG2002ESF Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # PMEG2002ESF
Description  20 V, 0.2 A low VF MEGA Schottky barrier rectifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMEG2002ESF Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button PMEG2002ESF Datasheet HTML 3Page - Nexperia B.V. All rights reserved PMEG2002ESF Datasheet HTML 4Page - Nexperia B.V. All rights reserved PMEG2002ESF Datasheet HTML 5Page - Nexperia B.V. All rights reserved PMEG2002ESF Datasheet HTML 6Page - Nexperia B.V. All rights reserved PMEG2002ESF Datasheet HTML 7Page - Nexperia B.V. All rights reserved PMEG2002ESF Datasheet HTML 8Page - Nexperia B.V. All rights reserved PMEG2002ESF Datasheet HTML 9Page - Nexperia B.V. All rights reserved PMEG2002ESF Datasheet HTML 10Page - Nexperia B.V. All rights reserved PMEG2002ESF Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Nexperia
PMEG2002ESF
20 V, 0.2 A low VF MEGA Schottky barrier rectifier
PMEG2002ESF
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2017. All rights reserved
Product data sheet
10 March 2017
7 / 13
Tamb (°C)
0
150
100
50
aaa-008577
0.1
0.2
0.3
IF(AV)
(A)
0
(1)
(2)
(3)
(4)
FR4 PCB, mounting pad for anode and cathode 1
cm2 each
Tj = 125 °C
(1) δ = 1
(2) δ = 0.5
(3) δ = 0.2
(4) δ = 0.1
Fig. 10. Average forward current as a function of
ambient temperature; typical values
Tamb (°C)
0
150
100
50
aaa-008578
0.1
0.2
0.3
IF(AV)
(A)
0
(1)
(2)
(3)
(4)
Ceramic PCB, Al2O3, standard footprint
Tj = 125 °C
(1) δ = 1
(2) δ = 0.5
(3) δ = 0.2
(4) δ = 0.1
Fig. 11. Average forward current as a function of
ambient temperature; typical values
Tsp (°C)
0
150
100
50
aaa-008579
0.1
0.2
0.3
IF(AV)
(A)
0
(1)
(2)
(3)
(4)
Tj = 125 °C
(1) δ = 1
(2) δ = 0.5
(3) δ = 0.2
(4) δ = 0.1
Fig. 12. Average forward current as a function of solder point temperature; typical values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com