Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMEG2002ESF Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # PMEG2002ESF
Description  20 V, 0.2 A low VF MEGA Schottky barrier rectifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMEG2002ESF Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  PMEG2002ESF Datasheet HTML 1Page - Nexperia B.V. All rights reserved PMEG2002ESF Datasheet HTML 2Page - Nexperia B.V. All rights reserved PMEG2002ESF Datasheet HTML 3Page - Nexperia B.V. All rights reserved PMEG2002ESF Datasheet HTML 4Page - Nexperia B.V. All rights reserved PMEG2002ESF Datasheet HTML 5Page - Nexperia B.V. All rights reserved PMEG2002ESF Datasheet HTML 6Page - Nexperia B.V. All rights reserved PMEG2002ESF Datasheet HTML 7Page - Nexperia B.V. All rights reserved PMEG2002ESF Datasheet HTML 8Page - Nexperia B.V. All rights reserved PMEG2002ESF Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
PMEG2002ESF
20 V, 0.2 A low VF MEGA Schottky barrier rectifier
10 March 2017
Product data sheet
1. General description
Planar Maximum Efficiency General Application (MEGA) Schottky barrier rectifier with an
integrated guard ring for stress protection in a DSN0603-2 (SOD962-2) leadless ultra small
Surface-Mounted Device (SMD) package.
2. Features and benefits
• Average forward current IF(AV) ≤ 0.2 A
• Reverse voltage VR ≤ 20 V
• Low forward voltage typ. VF = 310 mV
• Low reverse current typ. IR = 0.88 µA
• Ultra small and leadless SMD package
• Package height typ. 0.3 mm
3. Applications
• Low voltage rectification
• High efficiency DC-to-DC conversion
• Switch mode power supply
• Low power consumption applications
• Ultra high-speed switching
• LED backlight for mobile application
4. Quick reference data
Table 1. Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IF
forward current
Tsp ≤ 120 °C
-
-
0.28
A
VR
reverse voltage
Tj = 25 °C
-
-
20
V
VF
forward voltage
IF = 200 mA; tp ≤ 300 µs; δ ≤ 0.02 ;
pulsed; Tj = 25 °C
-
435
490
mV
IR
reverse current
VR = 10 V; Tj = 25 °C
-
0.37
-
µA


Similar Part No. - PMEG2002ESF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG2002ESF PHILIPS-PMEG2002ESF_15 Datasheet
196Kb / 13P
20 V, 0.2 A low VF MEGA Schottky barrier rectifier
8 October 2013
More results

Similar Description - PMEG2002ESF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG2002AESF PHILIPS-PMEG2002AESF_15 Datasheet
197Kb / 14P
20 V, 0.2 A low VF MEGA Schottky barrier rectifier
22 January 2014
PMEG2002ESF PHILIPS-PMEG2002ESF_15 Datasheet
196Kb / 13P
20 V, 0.2 A low VF MEGA Schottky barrier rectifier
8 October 2013
PMEG3002AESF PHILIPS-PMEG3002AESF_15 Datasheet
192Kb / 14P
30 V, 0.2 A low VF MEGA Schottky barrier rectifier
13 February 2015
logo
Nexperia B.V. All right...
PMEG2002AESF NEXPERIA-PMEG2002AESF Datasheet
211Kb / 13P
20 V, 0.2 A low VF MEGA Schottky barrier rectifier
PMEG2002AESFB NEXPERIA-PMEG2002AESFB Datasheet
206Kb / 13P
20 V, 0.2 A low VF MEGA Schottky barrier rectifier
PMEG6002ELD NEXPERIA-PMEG6002ELD Datasheet
704Kb / 14P
60 V, 0.2 A low VF MEGA Schottky barrier rectifier
PMEG3002AESF NEXPERIA-PMEG3002AESF Datasheet
213Kb / 13P
30 V, 0.2 A low VF MEGA Schottky barrier rectifier
PMEG4002EL-Q NEXPERIA-PMEG4002EL-Q Datasheet
180Kb / 8P
40 V, 0.2 A low Vf MEGA Schottky barrier rectifier
30 September 2021
PMEG4002EL NEXPERIA-PMEG4002EL Datasheet
206Kb / 8P
40 V, 0.2 A low Vf MEGA Schottky barrier rectifier
1 October 2022
PMEG4002ELD NEXPERIA-PMEG4002ELD Datasheet
1Mb / 14P
40 V, 0.2 A low VF MEGA Schottky barrier rectifier
Rev. 1 - 20 April 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com