Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VC32MA0950KBA Datasheet(PDF) 11 Page - AVX Corporation

Part # VC32MA0950KBA
Description  Transient Voltage Suppression, ESD Protection Devices & EMI Devices
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VC32MA0950KBA Datasheet(HTML) 11 Page - AVX Corporation

Back Button VC32MA0950KBA Datasheet HTML 4Page - AVX Corporation VC32MA0950KBA Datasheet HTML 5Page - AVX Corporation VC32MA0950KBA Datasheet HTML 6Page - AVX Corporation VC32MA0950KBA Datasheet HTML 7Page - AVX Corporation VC32MA0950KBA Datasheet HTML 8Page - AVX Corporation VC32MA0950KBA Datasheet HTML 9Page - AVX Corporation VC32MA0950KBA Datasheet HTML 10Page - AVX Corporation VC32MA0950KBA Datasheet HTML 11Page - AVX Corporation VC32MA0950KBA Datasheet HTML 12Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
107
080216
PART NUMBERS
Breakdown Voltage
Max.
Max. Peak
Cap.
Operating voltage
Voltage at 1mA
Max. Clamping Voltage
Leakage
Energy
Current
Typical
AVX Part Number
Case Size
8*20μs
Current
10*1000μs
8*20μs
(1KHz,0.5V)
1 Pulse
Vrms
Vdc
Min.
Average
Max.
V
A
μA
Joule
A
pF
VJ32M00140K--
3220
14
18
19.8
22
24.2
47
10
15
0.7
1500
15000
VJ32M00170K--
3220
17
22
24.3
27
29.7
57
10
15
0.9
1500
15000
VJ32M00200K--
3220
20
26
29.7
33
36.3
68
10
15
1.1
1500
15000
VJ32M00250K--
3220
25
31
35.1
39
42.9
79
10
15
1.2
1500
15000
VJ32M00300K--
3220
30
38
42.3
47
51.7
92
10
15
1.5
1500
15000
VJ32M00350K--
3220
35
45
50.4
56
61.6
107
10
15
1.8
1200
5000
VJ32M00400K--
3220
40
56
61.2
68
74.8
127
10
15
2.2
1200
5000
VJ32M00500K--
3220
50
66
73.8
82
90.2
135
10
15
2.5
1000
3500
VJ32M00600K--
3220
60
85
90.0
100
110
165
10
15
3
1000
2500
VJ32M00750K--
3220
75
102
108
120
132
200
10
15
3.5
600
2000
VJ32M00900K--
3220
95
127
135
150
165
250
10
15
6
600
1500
VJ32M01150K--
3220
115
153
162
180
198
295
10
15
6.5
300
350
VJ32M00131K--
3220
130
175
180
200
220
340
10
15
7
300
170
VJ32M00141K--
3220
140
180
198
220
242
360
10
15
7.5
300
140
VJ32M00151K--
3220
150
200
216
240
264
395
10
15
9
300
130
VJ32M01750K--
3220
175
225
243
270
297
455
10
15
9.5
300
120
VJ32M00231K--
3220
230
300
324
360
396
595
10
15
10
300
80
VJ32M00251K--
3220
250
330
351
390
429
650
10
15
11
300
75
VJ32M02750K--
3220
275
369
387
430
473
710
10
15
13
300
70
VJ32M00301K--
3220
300
385
423
470
517
775
10
15
15
300
65
Glass Encapsulated SMD Varistor MLV
(VJ32/VC32)
GENERAL DESCRIPTION
The VJ32/VC32M0 Series offers the designer a
surface mount solution with higher voltage
ratings and transient energy ratings. This
Multilayer Layer Surface Mount Varistor replaces
the traditional radial-lead Varistors with reduced
size and weight. The glass encapsulation ensures
the high performances in voltage up to 300Vrms
reliability and acid-resistance against harsh
environment like chlorite soldering flux.
APPLICATIONS
• MOV (Radial) Replacement
• Suppression of transient on line voltage
• Electric Meters
• Industrial Equipment
• Mains PSUs
• Telecommunications
• Consumer Electronics
FEATURES
• Lead less surface mount chip 3220 Case Size
• Voltage Ratings from 175Vrms to 300 Vrms
• VJ32 with Ni barrier/100% Sn Termination (for lead free
soldering applications)
VC32 with hybrid PdPtAg Termination (not suitable for
lead free soldering)
• Operating temperature from -55°C to +85°C
• RoHS Compliant
LEAD-FREE COMPATIBLE
COMPONENT
VC32 Series with solderable hybrid termination. Glass encapsulation from 115Vrms to 300Vrms.
Other voltage values available upon request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com