Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F310 Datasheet(PDF) 37 Page - List of Unclassifed Manufacturers

Part # C8051F310
Description  8/16 kB ISP Flash MCU Family
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

C8051F310 Datasheet(HTML) 37 Page - List of Unclassifed Manufacturers

Back Button C8051F310 Datasheet HTML 33Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 34Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 35Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 36Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 37Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 38Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 39Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 40Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 41Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 224 page
background image
Rev. 1.6
37
C8051F310/1/2/3/4/5/6/7
4.
Pinout and Package Definitions
Table 4.1. Pin Definitions for the C8051F31x
Name
Pin Numbers
Type
Description
‘F310/2/4 ‘F311/3/5 ‘F316/7
VDD
4
4
4
Power Supply Voltage.
GND
3
3
3
Ground.
RST/
C2CK
5
5
5
D I/O
D I/O
Device Reset. Open-drain output of internal POR. An
external source can initiate a system reset by driving
this pin low for at least 10 µs.
Clock signal for the C2 Debug Interface.
P3.0/
C2D
6
6
6
D I/O
D I/O
Port 3.0. See Section 13 for a complete description.
Bi-directional data signal for the C2 Debug Interface.
P0.0/
VREF
2
2
2
D I/O
A In
Port 0.0. See Section 13 for a complete description.
External VREF input. (‘F310/1/2/3 only)
P0.1
1
1
1
D I/O
Port 0.1. See Section 13 for a complete description.
P0.2/
XTAL1
32
28
24
D I/O
A In
Port 0.2. See Section 13 for a complete description.
External Clock Input. This pin is the external oscillator
return for a crystal or resonator.
P0.3/
XTAL2
31
27
23
D I/O
A Out or
D In
Port 0.3. See Section 13 for a complete description.
External Clock Output. For an external crystal or reso-
nator, this pin is the excitation driver. This pin is the
external clock input for CMOS, capacitor, or RC oscil-
lator configurations.
P0.4
30
26
22
D I/O
Port 0.4. See Section 13 for a complete description.
P0.5
29
25
21
D I/O
Port 0.5. See Section 13 for a complete description.
P0.6/
CNVSTR
28
24
20
Port 0.6. See Section 13 for a complete description.
ADC0 External Convert Start Input. (‘F310/1/2/3 only)
P0.7
27
23
19
D I/O
Port 0.7. See Section 13 for a complete description.
P1.0
26
22
18
D I/O or
A In
Port 1.0. See Section 13 for a complete description.
P1.1
25
21
17
D I/O or
A In
Port 1.1. See Section 13 for a complete description.
P1.2
24
20
16
D I/O or
A In
Port 1.2. See Section 13 for a complete description.
P1.3
23
19
15
D I/O or
A In
Port 1.3. See Section 13 for a complete description.
P1.4
22
18
14
D I/O or
A In
Port 1.4. See Section 13 for a complete description.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com