Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F310 Datasheet(PDF) 85 Page - List of Unclassifed Manufacturers

Part # C8051F310
Description  8/16 kB ISP Flash MCU Family
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

C8051F310 Datasheet(HTML) 85 Page - List of Unclassifed Manufacturers

Back Button C8051F310 Datasheet HTML 81Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 82Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 83Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 84Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 85Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 86Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 87Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 88Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 89Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 224 page
background image
Rev. 1.6
85
C8051F310/1/2/3/4/5/6/7
8.2.6. Special Function Registers
The direct-access data memory locations from 0x80 to 0xFF constitute the special function registers
(SFRs). The SFRs provide control and data exchange with the CIP-51's resources and peripherals. The
CIP-51 duplicates the SFRs found in a typical 8051 implementation as well as implementing additional
SFRs used to configure and access the sub-systems unique to the MCU. This allows the addition of new
functionality while retaining compatibility with the MCS-51™ instruction set. Table 8.2 lists the SFRs imple-
mented in the CIP-51 System Controller.
The SFR registers are accessed anytime the direct addressing mode is used to access memory locations
from 0x80 to 0xFF. SFRs with addresses ending in 0x0 or 0x8 (e.g. P0, TCON, SCON0, IE, etc.) are bit-
addressable as well as byte-addressable. All other SFRs are byte-addressable only. Unoccupied
addresses in the SFR space are reserved for future use. Accessing these areas will have an indeterminate
effect and should be avoided. Refer to the corresponding pages of the datasheet, as indicated in Table 8.3,
for a detailed description of each register.
Table 8.2. Special Function Register (SFR) Memory Map
F8
SPI0CN
PCA0L
PCA0H
PCA0CPL0 PCA0CPH0 PCA0CPL4 PCA0CPH4 VDM0CN
F0
B
P0MDIN
P1MDIN
P2MDIN
P3MDIN
EIP1
E8
ADC0CN PCA0CPL1 PCA0CPH1 PCA0CPL2 PCA0CPH2 PCA0CPL3 PCA0CPH3 RSTSRC
E0
ACC
XBR0
XBR1
IT01CF
EIE1
D8
PCA0CN
PCA0MD PCA0CPM0 PCA0CPM1 PCA0CPM2 PCA0CPM3 PCA0CPM4
D0
PSW
REF0CN
P0SKIP
P1SKIP
P2SKIP
C8
TMR2CN
TMR2RLL
TMR2RLH
TMR2L
TMR2H
C0
SMB0CN
SMB0CF
SMB0DAT
ADC0GTL
ADC0GTH
ADC0LTL
ADC0LTH
B8
IP
AMX0N
AMX0P
ADC0CF
ADC0L
ADC0H
B0
P3
OSCXCN
OSCICN
OSCICL
FLSCL
FLKEY
A8
IE
CLKSEL
EMI0CN
A0
P2
SPI0CFG
SPI0CKR
SPI0DAT
P0MDOUT P1MDOUT P2MDOUT P3MDOUT
98
SCON0
SBUF0
CPT1CN
CPT0CN
CPT1MD
CPT0MD
CPT1MX
CPT0MX
90
P1
TMR3CN
TMR3RLL
TMR3RLH
TMR3L
TMR3H
88
TCON
TMOD
TL0
TL1
TH0
TH1
CKCON
PSCTL
80
P0
SP
DPL
DPH
PCON
0(8)
1(9)
2(A)
3(B)
4(C)
5(D)
6(E)
7(F)
(bit addressable)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com