Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4513 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # THS4513
Description  WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4513 Datasheet(HTML) 1 Page - Texas Instruments

  THS4513 Datasheet HTML 1Page - Texas Instruments THS4513 Datasheet HTML 2Page - Texas Instruments THS4513 Datasheet HTML 3Page - Texas Instruments THS4513 Datasheet HTML 4Page - Texas Instruments THS4513 Datasheet HTML 5Page - Texas Instruments THS4513 Datasheet HTML 6Page - Texas Instruments THS4513 Datasheet HTML 7Page - Texas Instruments THS4513 Datasheet HTML 8Page - Texas Instruments THS4513 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
-26
-24
-22
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
0.1
1
10
100
1000
f - Frequency (MHz)
2.5 V
348 W
348 W
340 W
340 W
56.2 W
V
IN
25 W
25 W
56.2 W
50 W
THS4513
0.22 f
m
To 50
Test
Equipment
W
0.1 f
m
0.1 f
m
-2.5 V
CM
1:1
6.8 pf
6.8 pf
V
OUT
0.22 f
m
0.22 f
m
50-W
Single-
Ended
AC-Coupled
Source
THS4513
SLOS472 – AUGUST 2005
WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
•
Fully Differential Architecture
The THS4513 is a wideband, fully differential op amp
designed for 3.3–5 V data acquisition systems. It has
•
Centered Input Common-mode Range
very low noise at 2.2 nV/
√Hz, and extremely low
•
Minimum Gain of 1V/V (0 dB)
harmonic distortion of –75 dBc HD2 and –86 dBc HD3
•
Bandwidth: 1600 MHz
at 70 MHz with 2-Vpp output, G = 0 dB, and 200-
Ω
•
Slew Rate: 5100 V/
µs
load. Slew rate is very high at 5100 V/
µs and with
settling time of 2.9 ns to 1% (2 V step) it is ideal for
•
1% Settling Time: 2.9 ns
pulsed applications. It is designed for minimum gain
•
HD2: –75 dBc at 70 MHz
of 0 dB.
•
HD3: –86 dBc at 70 MHz
To allow for dc coupling to ADCs, its unique output
•
OIP2: 77 dBm at 70 MHz
common-mode control circuit maintains the output
•
OIP3: 42 dBm at 70 MHz
common-mode voltage within 5 mV offset (typ) from
the set voltage, when set within 0.5 V of mid-supply,
•
Input Voltage Noise: 2.2 nV/
√Hz (f >10 MHz)
with less than 4 mV differential offset voltage. The
•
Noise Figure: 19.8 dB
common-mode set point is set to mid-supply by
•
Output Common-Mode Control
internal circuitry, which may be over-driven from an
external source.
•
Power Supply:
– Voltage: 3 V (±1.5 V) to 5 V (±2.5 V)
The input and output are optimized for best perform-
ance with their common-mode voltages
set
to
– Current: 37.7 mA
mid-supply. Along with high performance at low
•
Power-Down Capability: 0.65 mA
power supply voltage, this makes for extremely high
performance single supply 5 V data acquisition sys-
tems.
•
5 V Data Acquisition Systems High
The THS4513 is offered in a Quad 16-pin leadless
Linearity ADC Amplifier
QFN package (RGT), and is characterized for oper-
•
Wireless Communication
ation over the full industrial temperature range from
•
Medical Imaging
–40
°C to 85°C.
•
Test and Measurement
60 MHz Low-Pass Filter
Low-Pass Filter Response
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - THS4513

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4513 TI1-THS4513 Datasheet
1Mb / 43P
WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
THS4513 TI1-THS4513 Datasheet
1Mb / 42P
WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
THS4513 TI1-THS4513 Datasheet
1Mb / 41P
WIDEBAND, LOW-NOISE, LOW-DISTORTION,FULLY-DIFFERENTIAL AMPLIFIER
THS4513 TI-THS4513 Datasheet
1Mb / 31P
RAD-TOLERANT CLASS V, WIDEBAND, FULLY DIFFERENTIAL AMPLIFIER
THS4513-SP TI1-THS4513-SP Datasheet
1Mb / 30P
RAD-TOLERANT CLASS V, WIDEBAND, FULLY DIFFERENTIAL AMPLIFIER
More results

Similar Description - THS4513

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4509 TI-THS4509 Datasheet
2Mb / 30P
WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4509-Q1 TI1-THS4509-Q1 Datasheet
1Mb / 37P
WIDEBAND LOW-NOISE LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4509 NSC-THS4509 Datasheet
1Mb / 42P
WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
THS4509-Q1 NSC-THS4509-Q1 Datasheet
2Mb / 40P
WIDEBAND LOW-NOISE LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4511 NSC-THS4511 Datasheet
1Mb / 35P
WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
THS4520 NSC-THS4520 Datasheet
2Mb / 37P
WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
logo
Texas Instruments
THS4509 TI1-THS4509_14 Datasheet
1Mb / 43P
WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
THS4511 TI1-THS4511_14 Datasheet
1Mb / 36P
WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
THS4513 TI1-THS4513_14 Datasheet
1Mb / 42P
WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
THS4513 TI1-THS4513_13 Datasheet
1Mb / 41P
WIDEBAND, LOW-NOISE, LOW-DISTORTION,FULLY-DIFFERENTIAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com