Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4513 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # THS4513
Description  WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4513 Datasheet(HTML) 9 Page - Texas Instruments

Back Button THS4513 Datasheet HTML 5Page - Texas Instruments THS4513 Datasheet HTML 6Page - Texas Instruments THS4513 Datasheet HTML 7Page - Texas Instruments THS4513 Datasheet HTML 8Page - Texas Instruments THS4513 Datasheet HTML 9Page - Texas Instruments THS4513 Datasheet HTML 10Page - Texas Instruments THS4513 Datasheet HTML 11Page - Texas Instruments THS4513 Datasheet HTML 12Page - Texas Instruments THS4513 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
www.ti.com
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
7
10
100
1000
1000
f- Frequency -MHz
G = 0 dB
V
=100 mVpp
OD
R = 100
L
W
R = 200
L
W
R = 1K
R = 500
L
L
W
W
0
1
2
3
4
5
6
7
10
100
1000
10000
f- Frequency -MHz
G = 6 dB
V
= 100 mVpp
OD
R = 100
L
W
R = 1K
L
W
R = 500
L
W
R = 200
L
W
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
10
100
1000
10000
f - Frequency - MHz
R = 200
L
W
R = 1K
L
W
R = 500
L
W
R = 100
L
W
G = 0 dB
V
= 2 Vpp
OD
0
1
2
3
4
5
6
7
8
10
100
1000
10000
f- Frequency -MHz
G = 6 dB
V
= 2 Vpp
OD
R = 100
L
W
R = 1K
R = 500
L
L
W
W
R = 200
L
W
-130
-120
-110
-100
-90
-80
-70
-60
1
10
100
1000
f - Frequency - MHz
G = 0 dB
V
= 2 Vpp
OD
R = 500
L
W
R = 200
L
W
R = 1K
L
W
R = 100
L
W
-120
-110
-100
-90
-80
-70
1
10
100
1000
f - Frequency - MHz
G = 0 dB
V
= 2 Vpp
OD
R = 500
L
W
R = 200
L
W
R = 1K
L
W
R = 100
L
W
THS4513
SLOS472 – AUGUST 2005
SMALL-SIGNAL FREQUENCY RESPONSE
SMALL-SIGNAL FREQUENCY RESPONSE
Figure 1.
Figure 2.
LARGE-SIGNAL FREQUENCY RESPONSE
LARGE-SIGNAL FREQUENCY RESPONSE
Figure 3.
Figure 4.
HD2 vs FREQUENCY
HD3 vs FREQUENCY
Figure 5.
Figure 6.
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com