Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZP2000A Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # ZP2000A
Description  Rectifier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

ZP2000A Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  ZP2000A Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd ZP2000A Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rectifier Diodes
Features
●
Vacuum closed tube boron aluminum diffusion process
●
Disc ceramic cold-press encapsulation
●
Double cooling
ht
t
p
:
//
www.lgesemi.com
mail:lge@lgesemi.com
Revision:20190101-P1
ZP300A
●
●
Big current density
The minimum allowed working temperature Tjmin=-40℃
ZP500A
ZP500A
ZP600A
ZP700A
mΩ
A
300
600
900
3400-4200
2400-3000
1400-1800
9.1
5.9*
4.9
0.95
1.85
1.45
0.020
0.024
0.030
0.575
0.65
1.15
K/W
V
V
2.10
0.80
0.82
1000
1100
1200
1200
V
kA
500
500
700
1300
1500
1500
1700
1800
1900
2000
900
4400-5200
1200-1600
2800-3600
1400-1800
3400-4200
4400-5200
4400-5200
800-1400
5400-6500
6800-7500
800-1400
1200-1600
1800-2400
2400-3000
3400-4200
1800-2400
14.5
17.5
17
18
16.5
1.98
16
16
19
24.5
20.5
21.6
21.5
21
25.3
17
1.95
1.52
2.14
1.71
1.96
2.11
2.37
1.41
2.33
2.55
1.43
1.50
1.80
2.13
1.76
1.97
1.17
0.93
1.08
0.93
1.10
1.09
1.03
0.85
1.20
1.35
0.82
0.91
0.93
1.02
1.08
0.94
0.780
0.302
0.53
0.260
0.430
0.510
0.620
0.290
0.750
0.800
0.200
0.220
0.290
0.370
0.340
0.430
0.020
0.030
0.030
0.024
0.024
0.020
0.016
0.013
0.018
0.024
0.024
0.020
0.020
0.011
0.016
A
1000
800
800
1000
1500
2000
2400
2000
2000
2000
1500
1500
1500
2400
2400
2400
3000
3000
2000
0.0050
0.0060
0.0080
0.0050
0.0080
0.0045
0.0080
0.0050
0.0060
0.0060
0.0045
0.0035
0.0060
0.0030
0.0060
0.0050
0.0050
0.0040
K/W
175
℃
175
175
175
175
175
170
125
125
150
125
190
170
170
150
190
150
190
150
5
35
5
15
20
35
50
35
35
50
45
45
50
45
50
45
45
50
50
KN
800
0.0040
1300
2800-3600
1.92
1.76
2000
1.06
0.350
0.018
0.0045
125
45
0.018
VRRM
型号
IF(AV)@Tc
VFO
rF
TVJM
RthjC
RthCH
安装力F
外形
Type
=100℃
&TC=25℃
@TVjm
±10%
IFSM@Tjm
&10ms
VFM@IFM
@TVjm
ZP800A
ZP900A
ZP900A
ZP1000A
ZP1100A
ZP1200A
ZP1200A
ZP1300A
ZP1500A
ZP1500A
ZP1700A
ZP1300A
ZP1800A
ZP1900A
ZP2000A


Similar Part No. - ZP2000A

ManufacturerPart #DatasheetDescription
logo
ZHEJIANG HUAJING RECTIF...
ZP2000A HUAJING-ZP2000A Datasheet
263Kb / 3P
Rectifier Diode
logo
List of Unclassifed Man...
ZP2000A ETC-ZP2000A Datasheet
98Kb / 1P
ZP series silicon rectifier
More results

Similar Description - ZP2000A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA2J114 PANASONIC-MA2J114 Datasheet
40Kb / 2P
Rectifier Diodes
logo
Rohm
RR274EA-400 ROHM-RR274EA-400 Datasheet
193Kb / 4P
Rectifier diodes
RR274EA-400 ROHM-RR274EA-400_11 Datasheet
1,022Kb / 4P
Rectifier diodes
logo
Shenzhen Taychipst Elec...
RM10Z TAYCHIPST-RM10Z Datasheet
832Kb / 1P
Rectifier Diodes
logo
Guangdong Kexin Industr...
1A1 KEXIN-1A1 Datasheet
866Kb / 2P
Rectifier Diodes
DB201GS KEXIN-DB201GS Datasheet
1,005Kb / 2P
Rectifier Diodes
SM520 KEXIN-SM520 Datasheet
709Kb / 2P
Rectifier Diodes
TS6B01G KEXIN-TS6B01G Datasheet
688Kb / 2P
Rectifier Diodes
US3A KEXIN-US3A Datasheet
607Kb / 2P
Rectifier Diodes
logo
Rohm
RR274EA-400 ROHM-RR274EA-400_15 Datasheet
353Kb / 7P
Rectifier diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com